Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC-174Stand Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # PPC-174Stand
Description  15" Fanless Panel PC with Intel Atom Quad-Core Processor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PPC-174Stand Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  PPC-174Stand Datasheet HTML 1Page - Advantech Co., Ltd. PPC-174Stand Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Dimensions
Unit: mm
PPC-3150
I/O Appearance
A. Expansion slot x 1 (PCI or PCIe x1)
B. Line out/ Mic in
C.Intel Gigabit Ethernet x 2
D.DisplayPort x 1
E. RS-232 x 2
F. Isolated RS-422/485 x 1
G.Power Button
H.DC inlet and AT/ATX switch
I. VGA x1
J. USB3.0 x 1 + USB2.0 x 3
A
B
E
C
D
F
G
H
I
J
Ordering Information
Part NO
Description
PPC-3150-RE4AE
Intel Atom E3845 (1.91G) Panel PC with 15" XGA panel,
5-wire resistive T/S, w/o memory
PPC-WLAN-A1E
WiFi Module with Antenna Cable 28cm for PPC
PPC-174T-WL-MTE
Wall mount kit for PPC series
PPC-ARM-A03
PPC ARM VESA Standard
PPC-3150-CFE
Module to install CF card for PPC-3150/PPC-3170
PPC-3150-CFASTE
Module to install CFast card for PPC-3150/PPC-3170
PPC-3150-COME
Module to install either two additional RS-232 port or one
additional RS-232 and one GPIO for PPC-3150/PPC-3170
PPC-3150-USBE
Module to install internal USB dongle for PPC-3150/
PPC-3170
PS-DC19-L157E
19V DC power adapter module for fanless PPC series
1700001524
Power cord 3P UL 10A 125V 1.8M
170203183C
Power cord 3P Europe (WS-010+083) 183cm
1700008921
Power cord 3P/3P 1.8M PSE
2070013015
Image WES7P 32-bit Multi V4.12 for PPC-3150/3170
2070013321
Image WES7P 64-bit Multi V4.12 for PPC-3150/3170
PPC-174 Stand
Stand for PPC Series (double acting hinges)
PPC-STAND-A1E
Stand For PPC Series (single acting hinge)
Touchscreen
Touch Type
Analog Resistive 5-wire
Resolution
2048 x 2048
Light Transmission
80% ± 3 %.
Controller
USB interface
Software Driver Supports
Windows7 / Windows 8
Durability (Touches)
36 million
Environment
Operating Temperature
0 ~ 50°C (32 ~ 122°F) with 2.5” SATA HDD
-20 ~ 60°C (-4 ~ 140°F) with -40 ~ 85°C mSATA or 2.5" SATA SSD
Storage Temperature
-20 ~ 60°C (-4 ~ 140°F)
Relative Humidity
10 ~ 95% @ 40°C (non-condensing)
Shock
Operating 10 G peak acceleration (11 ms duration), follow IEC 60068-2-27
Vibration
Operating Random Vibration Test 5~500Hz, 1Grms, follow IEC 60068-2-64
EMC
BSMI, CE, FCC Class A
Safety
CB, CCC, BSMI, UL
Front Panel Protection
IP65 compliant
CUT OUT
379.4
396.5
65.3
12.0
35.5
160.8
75.0
381.0
Max.depth for VESA mounting
screws is M4*8(mm)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com