Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC-174Stand Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # PPC-174Stand
Description  21.5" Fanless Wide Screen Panel PC with Intel Core i5 Celeron Processor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PPC-174Stand Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  PPC-174Stand Datasheet HTML 1Page - Advantech Co., Ltd. PPC-174Stand Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Panel PCs
Features
PPC-4211W
ƒ 21.5" Full HD entirely flat panel with Projected capacitive touchscreen
ƒ High performance Intel Core i CPU with Fanless design
ƒ Supports 2 x 2.5" HDD Bay (supports Intel RAID)
ƒ PCIe x4 / x1 or PCI expansion support
ƒ Automatic data flow control over RS-485
ƒ Wide Range DC 12-32 V support
ƒ Dual Gigabit Ethernet, support IEEE1588
ƒ 3 x Independent display
21.5" Fanless Wide Screen Panel PC
with Intel Core i5 Celeron Processor
Specifications
Processor system
CPU
Intel 4th Generation Core i CPU
i5-4300U, 2C, 3M, up to 2.9GHz
Celeron 2980U, 2C, 2M, 1.6GHz
Memory
SO-DIMM x 1, DDR3L1333/1600, Max 8GB
2nd Cache Memory
3 MB / 2 MB
Storage
mSATA*1
HDD
2 x 2.5" SATA HDD Bay (supports Intel RAID)
I/O Ports
5 x Serial ports: 4 x RS-232, 1 x RS-422/485 with isolation 1K VDC
4 x USB 3.0 ports in rear side, 1 x USB 2.0 in right side
1 x Line-out, 1x MIC-in
1 x DB15 VGA
1 x Display Port (1.2)
Bus Expansion
1 x MINI PCIe,
1 x PCIe x4 (support x1) or 1 x PCI (either one)
Network (LAN)
2 x 10/100/1000 Mbps Ethernet, Intel I211-AT, Intel I218LM
Speaker
2 x 1W
Watchdog Timer
255 timer levels; setup by software
Dimensions
557.77 x 349.17 x 63.6 mm
Weight
7.8 Kg
OS support
OS Support
Win 7/Win 8/Win 8.1/Linux
Power supply
Input Voltage
DC 12-32V
Power Consumption
i5-4300U
66W
Celeron 2980U
58W (8G DDR3L, USB x 4, COM x 4, USB mouse, 2.5" HDD 500G x 2, Win7 64bit, Burn-in 7.0 )
LCD Display
Display Type
21.5" TFT LCD (LED Backlight)
Max. Resolution
1920 x 1080
Colors
16.7M
Viewing Angle
178 Horizontal, 178 Vertical
Luminance(cd/m2)
300
Brightness Control
Yes (by BIOS)
Backlight Lifetime
50, 000 hrs(typ.)
Touchscreen
Touch Type
Projected Capacitive multi touch 10 point
Resolution
2048 x 2048
Light Transmission
88 % ± 2 %.
Controller
USB interface
Environment
Operating Temperature
0 ~ 50° C (32 ~ 122° F)
Storage Temperature
-20 ~ 60° C (-4 ~ 140° F)
Relative Humidity
10 ~ 95% @ 40° C (non-condensing)
Shock
Operating 10 G peak acceleration (11 ms duration), follow IEC 60068-2-27
Vibration
Operating Random Vibration Test 5~500Hz, 1Grms, follow IEC 60068-2-64
EMC
BSMI, CE, FCC Class B
Safety
CB, CCC, BSMI, UL
Front Panel Protection
IP65 compliant
C ®
UL US
Introduction
The PPC-4211W is a new generation Panel PC with Full HD (1920 x 1080) screen. The large panel help you to display more yet important information in one screen. The most
important, system equips with high performance Intel Core i CPU but the heat can be dispatched easily by high efficiency fanless thermal design. This makes HMI a big step forward
to consolidate performance and reliability in one system. Besides, with rich I/O as 5 x COM, 5 x USB and dual Gigabit Ethernet make it easier to connect to devices and be integrated
into machine building industry. Moreover, with PCIe x4 expansion to add on field bus or proprietary card makes more application possibility. The last but not least, the multi touch
screen makes the HMI more intuitive, brings you the best operate experience.
NEW
All product specifications are subject to change without notice
Last updated : 5-May-2015


Similar Part No. - PPC-174Stand

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PPC-174Stand ADVANTECH-PPC-174Stand Datasheet
436Kb / 2P
15" Fanless Panel PC with Intel Atom Quad-Core Processor
PPC-174Stand ADVANTECH-PPC-174Stand Datasheet
442Kb / 2P
17" Fanless Panel PC with Intel Atom Quad-Core Processor
PPC-174Stand ADVANTECH-PPC-174Stand Datasheet
463Kb / 2P
19" Fanless Panel PC with Intel Atom Quad-Core Processor
PPC-174Stand ADVANTECH-PPC-174Stand Datasheet
525Kb / 2P
15.6" Fanless Wide Screen Panel PC with Intel Atom Dual-Core Processor
PPC-174Stand ADVANTECH-PPC-174Stand Datasheet
572Kb / 2P
15.6" Fanless Wide Screen Panel PC with Intel Core i5/i3/Celeron Processor
More results

Similar Description - PPC-174Stand

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
ACP-5217 AAEON-ACP-5217 Datasheet
462Kb / 2P
21.5??Fanless Multi-Touch Computer With Intel Core??i7/i5/Celeron Processor
logo
Advantech Co., Ltd.
PPC-4150W-P4GAE ADVANTECH-PPC-4150W-P4GAE Datasheet
525Kb / 2P
15.6" Fanless Wide Screen Panel PC with Intel Atom Dual-Core Processor
PPC-4151W-P5AE ADVANTECH-PPC-4151W-P5AE Datasheet
572Kb / 2P
15.6" Fanless Wide Screen Panel PC with Intel Core i5/i3/Celeron Processor
PPC-321W-EHL ADVANTECH-PPC-321W-EHL Datasheet
434Kb / 2P
21.5 Fanless Panel PC with Intel® Celeron® J6412 Processor
5-Sep-2022
PPC-321W-TGL ADVANTECH-PPC-321W-TGL Datasheet
566Kb / 2P
21.5 Fanless Panel PC with Intel® Core™ i7/i5/i3 Processor
5-Sep-2022
PPC-412 ADVANTECH-PPC-412 Datasheet
443Kb / 2P
12.1 Fanless Panel PC with Intel® Core™ i5-7300U Processor
28-Jul-2022
PPC-3151W ADVANTECH-PPC-3151W Datasheet
410Kb / 2P
15.6 Fanless Widescreen Panel PC with Intel Core™ i5-7300U Processor
28-Jul-2022
PPC-3210SW ADVANTECH-PPC-3210SW Datasheet
375Kb / 2P
21.5 Fanless Panel PC with Intel® Celeron® N2930 Processor
1-Aug-2022
PPC-3211SW ADVANTECH-PPC-3211SW Datasheet
444Kb / 2P
21.5 Fanless Panel PC with Intel® Core™ i Processor
28-Jul-2022
PPC-3211W ADVANTECH-PPC-3211W Datasheet
389Kb / 2P
21.5 Fanless Widescreen Panel PC with Intel® Core™ i5-7300U Processor
28-Jul-2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com