Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC-174Stand Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # PPC-174Stand
Description  17" Panel PC with Intel짰 Core??i3 / i5 / Celeron짰 Processor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PPC-174Stand Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  PPC-174Stand Datasheet HTML 1Page - Advantech Co., Ltd. PPC-174Stand Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
PPC-6170
A: AC Inlet
B: Power Switch
C: USB 3.0 x 2, USB 2.0 x 2
D: HDMI
E: VGA
F: Cable clip x 2
G: Gigabit Ethernet x 2
A B
D E
H
C
G
F
H: 2 Expansion slots
I: Line out / Mic in
J: USB 3.0 x 1
K: GPIO / RS-232 (by swapping pin header)
L: RS232 x 3
M: Isolated RS-232/422/485 (selecting by
BIOS)
I/O Placement
I
L
J
K
L
M
100.0
Max. depth for VESA mounting screws is 7.5 (mm)
75.0
425.1
377.8
113.5
442.0
CUT
OUT
427
Touchscreen
Touch Type
Analog Resistive 5-wire
Resolution
2048 x 2048
Light Transmission
81+/-3%
Controller
RS-232 interface (COM5), USB interface is available as an option
Software Driver Support
Windows 7, XP
Durability (Touches)
36 million
Environment
Operating Temperature
0 ~ 50°C (32 ~ 122°F)
Storage Temperature
-20 ~ 60°C (-4 ~ 140°F)
Relative Humidity
10 ~ 95% @ 40°C (non-condensing)
Shock
Operating 10 G peak acceleration (11 ms duration), follows IEC 60068-2-27
Vibration
Operating Random Vibration Test 5~500Hz, 1Grms, follows IEC 60068-2-64
EMC
BSMI, CE, FCC Class A
Safety
CB, CCC, BSMI, UL
Front Panel Protection
IP65 compliant
Ordering Information
Part No.
Description
PPC-6170-Ri5AE
Intel Core i5-3610ME (2.7G) Panel PC with 17" XGA LED
backlight and 5-wire resistive T/S, w/o memory
PPC-6170-Ri3AE
Intel Core i3-3120ME (2.4G) Panel PC with 17" XGA LED
backlight and 5-wire resistive T/S, w/o memory
PPC-6170-RC10AE
Intel Celeron 1020E (2.2G) Panel PC with 17" XGA LED
backlight and 5-wire resistive T/S, w/o memory
PPC-WLAN-A1E
WiFi Module with Antenna Cable 28cm for PPC
PPC-6150-PCIE
Riser card supports two PCI slots for PPC-6150/PPC-6170
PPC-6150-PCIEE
Riser card supports two PCIe x1 slots for PPC-6150/
PPC-6170
PPC-6150-HDDE
Kit to install the second 2.5" SATA HDD for PPC-6150/
PPC-6170, w/o HDD
PPC-6150-DVDE
Module with 8X SATA DVD-RW for PPC-6150/PPC-6170
PPC-174T-WL-MTE
Wall mount kit for PPC series
PPC-175 RACK-MT
19" Rack Mounting kit for PPC-175
PPC-ARM-A03
PPC ARM VESA Standard
PPC-174 Stand
Stand for PPC Series (double acting hinges)
1702002605
Power cord 90D 220V EUROPEAN 250V/6A, 1.8M
1702002600
Power cord UL/CSA(USA) 180D 125V/10A 1.83M
1700019336
Cable for an external 25-pin LPT port
2070013299
WES7P PPC-6150/70 32-bits V5.1.6 10multi-languages with
SUSI Access
2070013328
WES7P PPC-6150/70 64-bits V5.6.6 10multi-languages with
SUSI Access
Dimensions
Unit: mm



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com