Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC-155TSTAND Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # PPC-155TSTAND
Description  15" Fanless Panel PC with Intel짰 Atom??Dual-Core Processor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PPC-155TSTAND Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  PPC-155TSTAND Datasheet HTML 1Page - Advantech Co., Ltd. PPC-155TSTAND Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Dimensions
Unit: mm
PPC-L158T
379.50
396.34
381.00
CUT-OUT Dim
103.50
100.00
75.00
B
A
C
B
E
D
D
C
A
F
E
G
F
H
H
G
I
I
J
J
K
K
DC Input Model
PPC-L158T-090-AXE
PPC-L158T-R90-AXE
PPC-L158T-090-DXE
PPC-L158T-R90-DXE
I/O Appearance
AC Input Model
A: AC Inlet
B: Power Switch
C: PS2 Mouse x 1 / Keyboard x1
D: RS-232 x 2, RS-232/422/485 x 1
E: RS-232 x 1 (or GPIO x 1 by cable
swapping)
A: Power Switch
B: PS2 Mouse x 1 / Keyboard x 1
C: RS-232 x 1 (or GPIO x 1 by cable
swapping)
D: RS-232 x 2, RS-232/422/485 x 1
E: 10/100/1000 Mbps Ethernet x 1
F: PCI Slot x 1 (or PCIe Slot x 1)
F: 10/100/1000 Mbps Ethernet x 1
G: PCI Slot x 1 (or PCIe Slot x 1)
H:VGA Port
I: USB 2.0 x 4
J: 10/100/1000 Mbps Ethernet x 1
K: Line out/Mic in
G: DC inlet
H:VGA Port
I: USB 2.0 x 4
J: 10/100/1000 Mbps Ethernet x 1
K: Line out/Mic in
Ordering Information
Part NO
Description
PPC-L158T-090-AXE
Intel Atom processor, Dual Core processor D525 1.8G
fanless panel PC with 15" TFT LCD (with 85W PSU
inside)
PPC-L158T-R90-AXE
PPC-L158T-090-XE with resistive touchscreen
(with 85W PSU inside)
PPC-L158T-090-DXE
Intel Atom Dual Core processor D525 1.8G fanless panel
PC with 15" TFT LCD (DC Input Model)
PPC-L158T-R90-DXE
PPC-L158T-090-XE with resistive touchscreen
(DC Input Model)
PPC-ARM-A03
VESA Stand ARM for PPC series
PPC-174T-WL-MTE
Wall mount kit for PPC series
PPC-155T STAND
Stand kit for PPC-L158T/157/177/ series
PS-DC19-L157E
19V DC power adapter module for PPC-L128/PPC-L157
1700001524
Power cord 3P UL 10A 125V 1.8M (for adapter)
989K017700E
Optical disc drive kit for PPC-L158T/157/177
(W/O ODD)
989K017702E
DVD-RW (SATA) module for PPC-L158T/157/177
2070010541
Image XPE WES2009 PPC-L158 V4.0 24 MUI
2070011078
Image CE 6.0 Pro PPC-L158 V1.0 ENG
PPC-L158T-WLANE
Wireless Module for PPC-L158T Series
2070011241
Image WES7E SP1 32 bit PPC-L158T V5.1 English
version
2070011242
Image WES7P SP1 32 bit PPC-L158T V5.1, 36 multi-
language



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com