Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC-L157T-R81-XE Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # PPC-L157T-R81-XE
Description  15" Fanless Panel PC with Intel짰 Atom??N270 Processor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PPC-L157T-R81-XE Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  PPC-L157T-R81-XE Datasheet HTML 1Page - Advantech Co., Ltd. PPC-L157T-R81-XE Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Industrial Panel Computers & Panel PC
Features
PPC-L157T
15" Fanless Panel PC with
Intel® Atom™ N270 Processor
Introduction
The PPC-L157T is a 15" Fanless panel PC that delivers high performance while consuming low power. The PPC-L157T operates with low noise and provides display resolutions up
to 1024 x 768 (XGA) pixels. The PPC-L157T is equipped with dual Gigabit Ethernet connectors supporting either failover or LAN teaming. Advantech’s customization services and
optional accessories including wireless modules, battery packs, and SATA optical devices, allow system integrators to design tailor-made solutions to a host of industrial applications.
Specifications
Processor System
CPU
Intel Atom Processor N270 1.6 GHz
CPU Front Side Bus
533 MHz
Chipset
Intel 945GSE + Intel ICH7M
Secondary Cache
512 KB L2 Cache
Memory
200-pin DDR2 533 MHz SODIMM x1 Up to 2 GB, Compatible with 667 MHz
DVD+/-RW
989KL15702E
SSD
Supports one CompactFlash Type II, socket
HDD
One internal SATA interface- 2.5" Type
Network (LAN)
2 x 10/100/1000 Mbps (RJ-45)
Fully Integrated I/O and
Speakers
3 Serial Ports: RS-232 x 2, RS-232/422/485 x 1; 1 GPIO port
1 VGA Port ; PS/2 Mouse and Keyboard
Line-in/ Line-out/ Mic-in
Built-in 1W x 2 speakers, USB 2.0 ports x 4
Bus Expansion
1 x expansion slot for PCI/PCIe card
1 x MINI PCIe slot
Front Panel Protection
IP65 compliant
Weight
6 kg (13.2 Ib)
Dimensions (W x H x D)
396.5 x 317.6 x 74.8 (15.6" x 12.5" x 2.95")
OS Support
Win XPE / Win XP Pro / WES7 32 bit / Windows 7 32bit
Power Supply
12 -24 Vdc, 15-24 VDC with battery pack
LCD Display
Display Type
15" Color TFT LCD (LED backlight)
Max. Resolution
1024 x 768
Colors
262 K
Pixel Pitch (mm)
0.297 x 0.297
Viewing Angle
160°/130°
Luminance (cd/m2)
350
Backlight Lifetime
50,000 hours
Touchscreen (optional)
Type
Analog Resistive 5 wires (ELO) (for R80)
Analog Resistive 5 wires (AMT), Anti-Corrosive type (for R81)
Resolution
2048 x 2048
2048 x 2048
Light Transmission
80 %
80 %
Controller
USB Interface
RS-232 Interface (COM4)
Durability (Touches)
35 million
35 million
Environmental
Specifications
Operating Temperature
0-50°C (32-122°F); 0-35°C with battery pack
Relative Humidity
10 ~ 95 % @ 40°C, non-condensing
Shock
Operating 10 G peak acceleration (11 ms duration), follows IEC 60068-2-27
Vibration
Operating Random Vibration Test 5~500Hz, 1Grms, follows IEC 60068-2-64
EMC
CE, FCC Class B, BSMI
Safety
CE CB, UL, BSMI, CCC , VCCI
ƒ 15" TFT XGA LCD with optional resistive touchscreen
ƒ Embedded Intel® Atom™ processor N270 1.6 GHz
ƒ System memory up to 2 GB DDR2 SDRAM
ƒ Supports one internal SATA 2.5" HDD
ƒ Supports six USB 2.0 ports (4 external/ 2 internal), Dual Gigabit Ethernet
ƒ Optional PCI/PCIe x 1 expansion kit
ƒ Fanless and ultra-low power consumption
ƒ Optional smart battery module
ƒ Automatic data flow control over RS-485 (COM2)
C ®
UL US
All product specifications are subject to change without notice
Last updated : 19-Mar-2014


Similar Part No. - PPC-L157T-R81-XE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PPC-L157T-R80-XE ADVANTECH-PPC-L157T-R80-XE Datasheet
454Kb / 2P
15 Fanless Panel PC with Intel짰 Ato ??N270 Processor
More results

Similar Description - PPC-L157T-R81-XE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PPC-L128T ADVANTECH-PPC-L128T Datasheet
386Kb / 2P
12.1 Fanless Panel PC with Intel짰 Atom??N270 Processor
PPC-L157T ADVANTECH-PPC-L157T Datasheet
454Kb / 2P
15 Fanless Panel PC with Intel짰 Ato ??N270 Processor
PPC-L128T ADVANTECH-PPC-L128T_12 Datasheet
2Mb / 2P
12.1" Fanless Panel PC with Intel짰 Atom??N270 Processor
logo
AAEON Technology
FOX-151 AAEON-FOX-151 Datasheet
357Kb / 2P
IP-67 15??Multi-Purpose & Water-Proof Panel PC With Intel짰 Atom??N270 Processor
logo
Advantech Co., Ltd.
PPC-3100-RAE ADVANTECH-PPC-3100-RAE Datasheet
478Kb / 2P
10.4" Fanless Panel PC with Intel짰 Atom??D2550 Processor
PPC-3120 ADVANTECH-PPC-3120_15 Datasheet
460Kb / 2P
12.1" Fanless Panel PC with Intel짰 Atom??D2550 Processor
PPC-L62T-R80-AXE ADVANTECH-PPC-L62T-R80-AXE Datasheet
532Kb / 2P
6.5" Fanless Panel PC with Intel짰 Atom??N455 Processor
PPC-L158T-090-AXE ADVANTECH-PPC-L158T-090-AXE Datasheet
636Kb / 2P
15" Fanless Panel PC with Intel짰 Atom??Dual-Core Processor
PPC-3150 ADVANTECH-PPC-3150_V01 Datasheet
543Kb / 2P
15 Fanless Panel PC with Intel짰 Atom??Quad-Core Processor
PPC-3150S ADVANTECH-PPC-3150S Datasheet
389Kb / 2P
15 Fanless Panel PC with Intel짰 Celeron짰 N2930 Processor
27-Jun-2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com