Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX232 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX232
Description  15kV ESD-Protected, 5V RS-232 Transceivers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX232 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX232 Datasheet HTML 17Page - Maxim Integrated Products MAX232 Datasheet HTML 18Page - Maxim Integrated Products MAX232 Datasheet HTML 19Page - Maxim Integrated Products MAX232 Datasheet HTML 20Page - Maxim Integrated Products MAX232 Datasheet HTML 21Page - Maxim Integrated Products MAX232 Datasheet HTML 22Page - Maxim Integrated Products MAX232 Datasheet HTML 23Page - Maxim Integrated Products MAX232 Datasheet HTML 24Page - Maxim Integrated Products MAX232 Datasheet HTML 25Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
______________________________________________________________________________________
21
±15kV ESD-Protected, +5V RS-232 Transceivers
________________________________________________________Ordering Information
*Dice are specified at TA = +25°C.
MAX241EEAI
-40°C to +85°C
28 SSOP
28 SO
PART
TEMP RANGE
PIN-PACKAGE
MAX213ECWI
0°C to +70°C
MAX213ECAI
0°C to +70°C
28 SSOP
MAX241EEWI
-40°C to +85°C
28 SO
16 Wide SO
MAX232ECWE
0°C to +70°C
MAX232EC/D
0°C to +70°C
Dice*
MAX232EESE
-40°C to +85°C
16 Narrow SO
MAX241ECAI
0°C to +70°C
28 SSOP
MAX241ECWI
0°C to +70°C
28 SO
MAX232EEWE
-40°C to +85°C
16 Wide SO
MAX232EEPE
-40°C to +85°C
16 Plastic DIP
MAX213EEAI
-40°C to +85°C
28 SSOP
MAX232ECSE
0°C to +70°C
16 Narrow SO
MAX232ECPE
0°C to +70°C
16 Plastic DIP
MAX213EEWI
-40°C to +85°C
28 SO
16 Wide SO
0°C to +70°C
MAX202ECWE
16 Plastic DIP
-40°C to +85°C
MAX202EEPE
16 Narrow SO
-40°C to +85°C
MAX202EESE
16 Wide SO
-40°C to +85°C
MAX202EEWE
Dice*
0°C to +70°C
MAX202EC/D
20 Plastic DIP
-40°C to +85°C
MAX203EEPP
24 Wide Plastic DIP
0°C to +70°C
MAX205ECPG
24 Wide Plastic DIP
-40°C to +85°C
MAX205EEPG
24 Narrow Plastic DIP
0°C to +70°C
MAX206ECNG
20 SO
-40°C to +85°C
MAX203EEWP
20 SO
0°C to +70°C
MAX203ECWP
0°C to +70°C
MAX203ECPP
20 Plastic DIP
24 SO
0°C to +70°C
MAX206ECWG
16 Narrow SO
0°C to +70°C
MAX202ECSE
0°C to +70°C
MAX202ECPE
PIN-PACKAGE
TEMP RANGE
PART
16 Plastic DIP
24 SSOP
0°C to +70°C
MAX206ECAG
24 Narrow Plastic DIP
-40°C to +85°C
MAX206EENG
24 SO
-40°C to +85°C
MAX206EEWG
24 SSOP
-40°C to +85°C
MAX206EEAG
24 Narrow Plastic DIP
0°C to +70°C
MAX207ECNG
MAX207ECWG
0°C to +70°C
24 SO
MAX207ECAG
0°C to +70°C
24 SSOP
MAX207EENG
-40°C to +85°C
24 Narrow Plastic DIP
MAX207EEWG
-40°C to +85°C
24 SO
MAX207EEAG
-40°C to +85°C
24 SSOP
24 Narrow Plastic DIP
MAX208ECNG
0°C to +70°C
28 SO
MAX211ECWI
0°C to +70°C
28 SSOP
MAX211ECAI
0°C to +70°C
24 SSOP
MAX208EEAG
-40°C to +85°C
24 SO
MAX208EEWG
-40°C to +85°C
24 SO
MAX208ECWG
0°C to +70°C
24 SSOP
MAX208ECAG
0°C to +70°C
24 Narrow Plastic DIP
MAX208EENG
-40°C to +85°C
28 SO
MAX211EEWI
-40°C to +85°C
28 SSOP
MAX211EEAI
-40°C to +85°C
16 TSSOP
0°C to +70°C
MAX202ECUE
16 TSSOP
-40°C to +85°C
MAX202EEUE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com