Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJM2192AL Datasheet(PDF) 2 Page - New Japan Radio

Part # NJM2192AL
Description  SRS TruBass Bass Enhancement Processor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2192AL Datasheet(HTML) 2 Page - New Japan Radio

  NJM2192AL Datasheet HTML 1Page - New Japan Radio NJM2192AL Datasheet HTML 2Page - New Japan Radio NJM2192AL Datasheet HTML 3Page - New Japan Radio NJM2192AL Datasheet HTML 4Page - New Japan Radio NJM2192AL Datasheet HTML 5Page - New Japan Radio NJM2192AL Datasheet HTML 6Page - New Japan Radio NJM2192AL Datasheet HTML 7Page - New Japan Radio NJM2192AL Datasheet HTML 8Page - New Japan Radio NJM2192AL Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
NJM2192A
- 2 -
s
s
s
sPIN CONFIGURATION
s
s
s
sTruBass BLOCK DIAGRAM
s
s
s
sSPEAKER SIZE SETTING
The standard setting of speaker size is as follows.(Reference)
•Large Mode
: fo
≤ 80Hz
•Medium Mode : 80Hz < fo
≤ 150Hz
•Small Mode
: 150Hz < fo
≤ 250Hz
Set the speaker size by TruBass effect of your application.
1
2
3
4
5
6
7
8
9
10
11
13
14
15
16
17
18
19
20
21
22
12
23
24
25
26
27
28
29
30
1.
FILOUT
16.
V+
2.
FIL1
17.
VREFOUT
3.
FIL2
18.
VREFIN
4.
FIL3
19.
GAINSW
5.
FIL4
20.
MODE2
6.
FIL5
21.
MODE1
7.
FIL6
22.
BASSOUT
8.
FIL7
23.
OUTR
9.
PCOUT
24.
OUTL
10.
PCIN
25.
BASSINR
11.
FIL8
26.
INR
12.
FIL9
27.
BASSINL
13.
C1
28.
INL
14.
C2
29.
C3
15.
GND
30.
C4
MODE SW
GAIN
SW
VCA
a
b
c
b
c
a
OUTL
OUTR
BASSOUT
INL
INR
BASSINL
BASSINR
50K
50K
50K
50K
VREF
+6dB
Punch VR
VREF
a
BYPASS
b
BASS2
c
BASS1
VREF
VREF
VREF
+6dB
+6dB
Filter
(✼)
(✼) Set the speaker size.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com