Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR3477 Datasheet(PDF) 21 Page - International Rectifier

Part # IR3477
Description  Excellent Efficiency at Very Low Output Currents
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3477 Datasheet(HTML) 21 Page - International Rectifier

Back Button IR3477 Datasheet HTML 13Page - International Rectifier IR3477 Datasheet HTML 14Page - International Rectifier IR3477 Datasheet HTML 15Page - International Rectifier IR3477 Datasheet HTML 16Page - International Rectifier IR3477 Datasheet HTML 17Page - International Rectifier IR3477 Datasheet HTML 18Page - International Rectifier IR3477 Datasheet HTML 19Page - International Rectifier IR3477 Datasheet HTML 20Page - International Rectifier IR3477 Datasheet HTML 21Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
March 27, 2013  |   V2.5  |  PD97604
21
IR3477 
15A Highly Integrated SupIRBuck
TM 
PACKAGE INFORMATION 
 
 
Figure 34: Package Dimensions 
 
 
Data and specifications subject to change without notice. 
This product has been designed and qualified for the Industrial Market (Note2). 
Qualification Standards can be found on IR’s Web site. 
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information
www.irf.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com