Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR3537 Datasheet(PDF) 2 Page - International Rectifier

Part # IR3537
Description  Input supply under voltage protection
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3537 Datasheet(HTML) 2 Page - International Rectifier

  IR3537 Datasheet HTML 1Page - International Rectifier IR3537 Datasheet HTML 2Page - International Rectifier IR3537 Datasheet HTML 3Page - International Rectifier IR3537 Datasheet HTML 4Page - International Rectifier IR3537 Datasheet HTML 5Page - International Rectifier IR3537 Datasheet HTML 6Page - International Rectifier IR3537 Datasheet HTML 7Page - International Rectifier IR3537 Datasheet HTML 8Page - International Rectifier IR3537 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
www.irf.com | © 2014 International Rectifier
January  9, 2015   |  V1.2
2
IR3537 
CHL8510
12V High Performance Gate Driver 
ORDERING INFORMATION 
  IR3537 M       
       
 
 
 
 
  CHL8510      
       
 
 
 
 
Package 
Tape & Reel Qty 
Part Number 
DFN 
3000 
IR3537MTRPBF 
DFN 
750 
IR3537MTR1PBF 
 
 
 
 
 
Package 
Tape & Reel Qty 
Part Number 
DFN 
3000 
CHL8510CRT 
PBF – Lead Free  
 
TR – Tape and Reel  
 
Package Type (DFN) 
T – Tape and Reel  
 
R – Package Type (DFN) 
 
C – Operating Temperature 
(Commercial Standard) 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com