Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR3541 Datasheet(PDF) 2 Page - International Rectifier

Part # IR3541
Description  Digital Multi-Phase Buck Controller
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3541 Datasheet(HTML) 2 Page - International Rectifier

  IR3541 Datasheet HTML 1Page - International Rectifier IR3541 Datasheet HTML 2Page - International Rectifier IR3541 Datasheet HTML 3Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
June 21, 2013 | FINAL | V1.09
2
Digital Multi-Phase Buck Controller
IR3541
CHL8325A/B
ORDERING INFORMATION
IR3541M         
CHL8325―     
Figure 2: IR3541 Package Top View, Enlarged
Package
Packing
Qty
Part Number
Programming
QFN
TR=3000
TY=4900
IR3541MTRPBF
IR3541MTYPBF
Default
QFN
TR=3000
IR3541MxxyyTRP
1
Customer
Configuration
Notes:
1. Customer Specific Configuration File, where
xx = Customer ID and yy = Configuration File
(Codes assigned by IR Marketing).
Package
Packing Qty
Part Number
QFN
T=3000
TY=4900
CHL8325A-00CRT
CHL8325A-00CRTY
QFN
T=3000
CHL8325A-xxCRT
1
QFN
T=3000
TY=4900
CHL8325B-00CRT
CHL8325B-00CRTY
QFN
T=3000
CHL8325B-xxCRT
1
Notes:
1.
“xx” indicates a customer specific configuration
file.
PWM5
VRTN
RCSM
VSEN
PWM4
VR_READY_L1
1 /
PWRGD
2
RCSP
TSEN
PWM3
V18A
RRES
VCC
PWM2
PWM1
RCSM_L2
RCSP_L2
VR_READY_L2
1
/ PWROK
2
VCC
VRTN_L2
VSEN_L2
1
2
7
8
5
6
3
4
10
9
30
29
24
23
26
25
28
27
21
22
41 GND
CHL8325A/B
40 Pin 6x6 QFN
Top View
12
16
14
19
13
17
15
20
18
11
39
35
37
32
38
34
36
31
33
40
Notes
1 Pin definition in Intel & MPoL modes
2 Pin definition in AMD mode
Figure 3: CHL8325A/B Package Top View, Enlarged
T – Tape & Reel / TY - Tray
R – Package Type (QFN)
C – Operating Temperature,
Commercial
xx – Configuration File
Part –
A: CHL8325A
B: CHL8328B
P/PBF – Lead Free
TR – Tape & Reel / TY - Tray
yy – Configuration File ID
xx – Customer ID
Package Type (QFN)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com