Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRLR3110ZPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRLR3110ZPBF
Description  Advanced Process Technology
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLR3110ZPBF Datasheet(HTML) 1 Page - International Rectifier

  IRLR3110ZPBF Datasheet HTML 1Page - International Rectifier IRLR3110ZPBF Datasheet HTML 2Page - International Rectifier IRLR3110ZPBF Datasheet HTML 3Page - International Rectifier IRLR3110ZPBF Datasheet HTML 4Page - International Rectifier IRLR3110ZPBF Datasheet HTML 5Page - International Rectifier IRLR3110ZPBF Datasheet HTML 6Page - International Rectifier IRLR3110ZPBF Datasheet HTML 7Page - International Rectifier IRLR3110ZPBF Datasheet HTML 8Page - International Rectifier IRLR3110ZPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
11/30/09
www.irf.com
1
HEXFET® is a registered trademark of International Rectifier.
Description
Specifically designed for Industrial applications,
this HEXFET® Power MOSFET utilizes the latest
processing techniques to achieve extremely low
on-resistance per silicon area. Additional features
of this design are a 175°C junction operating
temperature, fast switching speed and improved
repetitive avalanche rating . These features com-
bine to make this design an extremely efficient and
reliable device for use in Industrial applications
and a wide variety of other applications.
Features
l
Advanced Process Technology
l
Ultra Low On-Resistance
l
175°C Operating Temperature
l
Fast Switching
l
Repetitive Avalanche Allowed up to Tjmax
PD - 97175B
IRLR3110ZPbF
IRLU3110ZPbF
HEXFET® Power MOSFET
VDSS = 100V
RDS(on) = 14mΩ
S
D
G
D-Pak
IRLR3110ZPbF
I-Pak
IRLU3110ZPbF
Absolute Maximum Ratings
Parameter
Units
ID @ TC = 25°C Continuous Drain Current, VGS @ 10V (Silicon Limited)
ID @ TC = 100°C Continuous Drain Current, VGS @ 10V (Silicon Limited)
A
ID @ TC = 25°C Continuous Drain Current, VGS @ 10V (Package Limited)
IDM
Pulsed Drain Current
™
PD @TC = 25°C Power Dissipation
W
Linear Derating Factor
W/°C
VGS
Gate-to-Source Voltage
V
EAS (Thermally limited) Single Pulse Avalanche Energyd
mJ
EAS (Tested )
Single Pulse Avalanche Energy Tested Value
h
IAR
Avalanche Current
Ù
A
EAR
Repetitive Avalanche Energy
g
mJ
TJ
Operating Junction and
TSTG
Storage Temperature Range
°C
Reflow Soldering Temperature, for 10 seconds
Mounting Torque, 6-32 or M3 screw
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
j
–––
1.05
RθJA
Junction-to-Ambient (PCB mount)
ij
–––
40
°C/W
RθJA
Junction-to-Ambient
j
–––
110
140
110
See Fig.12a, 12b, 15, 16
140
0.95
±16
Max.
63
45
250
42
-55 to + 175
300
10 lbf
yin (1.1Nym)


Similar Part No. - IRLR3110ZPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLR3110ZPBF IRF-IRLR3110ZPBF Datasheet
735Kb / 11P
AUTOMOTIVE MOSFET
IRLR3110ZPBF IRF-IRLR3110ZPBF Datasheet
322Kb / 11P
Advanced Process Technology
logo
VBsemi Electronics Co.,...
IRLR3110ZPBF VBSEMI-IRLR3110ZPBF Datasheet
1Mb / 8P
N-Channel 100-V (D-S) MOSFET
logo
BYCHIP ELECTRONICS CO.,...
IRLR3110ZPBF BYCHIP-IRLR3110ZPBF Datasheet
841Kb / 4P
N-Channel Super Trench Power MOSFET
v1.0
logo
International Rectifier
IRLR3110ZPBF IRF-IRLR3110ZPBF_09 Datasheet
322Kb / 11P
Advanced Process Technology, Ultra Low On-Resistance, 175C Operating Temperature
More results

Similar Description - IRLR3110ZPBF

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
Advanced Process Technology
IRFZ48NS KERSEMI-IRFZ48NS Datasheet
1Mb / 10P
Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
Advanced Process Technology
IRFZ34N KERSEMI-IRFZ34N Datasheet
751Kb / 8P
Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
Advanced Process Technology
IRF5305S KERSEMI-IRF5305S Datasheet
1Mb / 10P
Advanced Process Technology
IRF9520NS KERSEMI-IRF9520NS Datasheet
1Mb / 10P
Advanced Process Technology
AUIRFR48Z KERSEMI-AUIRFR48Z Datasheet
1Mb / 12P
Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com