Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3054ASD Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX3054ASD
Description  짹80V Fault-Protected/Tolerant CAN Transceivers for In-Car Applications
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3054ASD Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX3054ASD Datasheet HTML 1Page - Maxim Integrated Products MAX3054ASD Datasheet HTML 2Page - Maxim Integrated Products MAX3054ASD Datasheet HTML 3Page - Maxim Integrated Products MAX3054ASD Datasheet HTML 4Page - Maxim Integrated Products MAX3054ASD Datasheet HTML 5Page - Maxim Integrated Products MAX3054ASD Datasheet HTML 6Page - Maxim Integrated Products MAX3054ASD Datasheet HTML 7Page - Maxim Integrated Products MAX3054ASD Datasheet HTML 8Page - Maxim Integrated Products MAX3054ASD Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
±80V Fault-Protected/Tolerant CAN
Transceivers for In-Car Applications
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
DC ELECTRICAL CHARACTERISTICS
(VCC = 5V ±5%, VBATT = +5V to +42V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VCC = 5V, VBATT = 14V, R1 = 100
Ω
(Figure 2), TA = +25°C.) (Notes 1, 2)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
(All voltages are referenced to GND)
Supply Voltage (VCC) ...............................................-0.3V to +6V
Battery Voltage (VBATT)..........................................-0.3V to +80V
TXD, RXD, ERR, STB, EN ...........................-0.3V to (VCC + 0.3V)
CANH, CANL ..........................................................-80V to +80V
RTH, RTL ................................................................-0.3V to +80V
RTH, RTL Current ...........................................................±180mA
WAKE .....................................................................-0.3V to +80V
INH ..........................................................-0.3V to (VBATT + 0.3V)
INH Current.......................................................................-0.5mA
Transient Voltage (ISO 7637)................................-200V, +200V*
Continuous Power Dissipation (TA = +70°C)
14-Pin SO (derate 8.3mW/°C above +70°C)................667mW
Operating Temperature Range .........................-40°C to +125°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
*Pending completion of testing.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VOLTAGE SUPPLIES
Dominant normal operating mode, no load,
TXD = 0
16
30
Recessive normal operating mode,
TXD = VCC
410
mA
Supply Current
ICC
Low-power modes: VTXD = VCC, VBATT = 14V
3
10
µA
Battery Current
IBATT
Low-power modes at VTRL = VBATT,
VBATT = VWAKE = VINH = 5V to 27V
5
54
125
µA
Battery Power on Flag Threshold
VPWRON
Low-power modes
1.0
3.5
V
STB, EN, AND TXD
High-Level Input Voltage
VIH
2.4
V
Low-Level Input Voltage
VIL
0.8
V
STB and EN
9
20
High-Level Input Current
IIH
VIN = 4V
TXD
-200
-80
-25
µA
STB and EN
4
8
Low-Level Input Current
IIL
VIN = 1V
TXD
-800
-320
-100
µA
Supply Voltage—Forced
Standby Mode (Fail-Safe)
VFS
VBATT = 14V
2.75
4.50
V
RXD AND
ERR
High-Level Output Voltage
VOH
IOUT = -1mA
VCC - 0.5
VCC
V
Low-Level Output Voltage
VOL
IOUT = 7.5mA
0
0.9
V
WAKE
Wake-Up Threshold Voltage
VTH(WAKE)
VSTB = 0V
2.0
2.7
3.4
V
Low-Level Input Current
IIL(WAKE)
VWAKE = 0V
-10
-4
-1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com