Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRLR7807ZPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRLR7807ZPBF
Description  Ultra-Low Gate Impedance
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLR7807ZPBF Datasheet(HTML) 1 Page - International Rectifier

  IRLR7807ZPBF Datasheet HTML 1Page - International Rectifier IRLR7807ZPBF Datasheet HTML 2Page - International Rectifier IRLR7807ZPBF Datasheet HTML 3Page - International Rectifier IRLR7807ZPBF Datasheet HTML 4Page - International Rectifier IRLR7807ZPBF Datasheet HTML 5Page - International Rectifier IRLR7807ZPBF Datasheet HTML 6Page - International Rectifier IRLR7807ZPBF Datasheet HTML 7Page - International Rectifier IRLR7807ZPBF Datasheet HTML 8Page - International Rectifier IRLR7807ZPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
www.irf.com
1
12/8/04
IRLR7807ZPbF
IRLU7807ZPbF
HEXFET® Power MOSFET
Notes
 through … are on page 11
Applications
Benefits
l Very Low RDS(on) at 4.5V VGS
l Ultra-Low Gate Impedance
l Fully Characterized Avalanche Voltage
and Current
l High Frequency Synchronous Buck
Converters for Computer Processor Power
l Lead-Free
D-Pak
IRLR7807Z
I-Pak
IRLU7807Z
PD - 95777A
VDSS RDS(on) max Qg (typ.)
30V
13.8m
XÃ
7.0nC
Absolute Maximum Ratings
Parameter
Units
VDS
Drain-to-Source Voltage
V
VGS
Gate-to-Source Voltage
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
A
IDM
Pulsed Drain Current
™
PD @TC = 25°C
Maximum Power Dissipation
g
W
PD @TC = 100°C Maximum Power Dissipation g
Linear Derating Factor
W/°C
TJ
Operating Junction and
°C
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
3.75
RθJA
Junction-to-Ambient (PCB Mount)
gÃ
–––
50
°C/W
RθJA
Junction-to-Ambient
–––
110
40
Max.
43
f
30
f
170
± 20
30
0.27
20
300 (1.6mm from case)
-55 to + 175


Similar Part No. - IRLR7807ZPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLR7807ZPBF IRF-IRLR7807ZPBF Datasheet
264Kb / 11P
HEXFET Power MOSFET
More results

Similar Description - IRLR7807ZPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7910TRPBF IRF-IRF7910TRPBF Datasheet
223Kb / 8P
Ultra-Low Gate Impedance
IRF7805ZPBF IRF-IRF7805ZPBF_15 Datasheet
275Kb / 10P
Ultra-Low Gate Impedance
IRF7831PBF IRF-IRF7831PBF_15 Datasheet
270Kb / 10P
Ultra-Low Gate Impedance
IRF7910PBF IRF-IRF7910PBF_15 Datasheet
223Kb / 8P
Ultra-Low Gate Impedance
IRF8915PBF IRF-IRF8915PBF_15 Datasheet
291Kb / 10P
Ultra-Low Gate Impedance
IRL3713PBF IRF-IRL3713PBF_15 Datasheet
284Kb / 12P
Ultra-Low Gate Impedance
IRLR3717PBF IRF-IRLR3717PBF_15 Datasheet
272Kb / 12P
Ultra-Low Gate Impedance
IRLR8259PBF IRF-IRLR8259PBF_15 Datasheet
375Kb / 11P
Ultra-Low Gate Impedance
IRLR8726PBF IRF-IRLR8726PBF_15 Datasheet
360Kb / 11P
Ultra-Low Gate Impedance
logo
Guangdong Youtai Semico...
IRF7455TR UMW-IRF7455TR Datasheet
373Kb / 8P
Ultra-Low Gate Impedance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com