Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRLR7821TRPBF. Datasheet(PDF) 10 Page - International Rectifier

Part # IRLR7821TRPBF.
Description  Ultra-Low Gate Impedance
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLR7821TRPBF. Datasheet(HTML) 10 Page - International Rectifier

Back Button IRLR7821TRPBF. Datasheet HTML 4Page - International Rectifier IRLR7821TRPBF. Datasheet HTML 5Page - International Rectifier IRLR7821TRPBF. Datasheet HTML 6Page - International Rectifier IRLR7821TRPBF. Datasheet HTML 7Page - International Rectifier IRLR7821TRPBF. Datasheet HTML 8Page - International Rectifier IRLR7821TRPBF. Datasheet HTML 9Page - International Rectifier IRLR7821TRPBF. Datasheet HTML 10Page - International Rectifier IRLR7821TRPBF. Datasheet HTML 11Page - International Rectifier IRLR7821TRPBF. Datasheet HTML 12Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
IRLR/U7821PbF
10
www.irf.com
I-Pak (TO-251AA) Part Marking Information
I-Pak (TO-251AA) Package Outline
Dimensions are shown in millimeters (inches)
78
LINE A
LOGO
INTERNATIONAL
RECTIFIER
OR
PRODUCT (OPTIONAL)
P = DESIGNATES LEAD-FREE
A = ASSEMBLY SITE CODE
IRFU120
119A
DATE CODE
PART NUMBER
LOT CODE
ASSEMBLY
56
78
YEAR 1 = 2001
WEEK 19
indicates Lead-Free"
ASSEMBLED ON WW 19, 2001
IN THE ASSEMBLY LINE "A"
Note: "P" in ass embly line position
EXAMPLE:
WIT H ASSEMBLY
THIS IS AN IRFU120
LOT CODE 5678
RECTIFIER
INTERNATIONAL
LOGO
ASSEMBLY
LOT CODE
IRFU120
56
PART NUMBER
WEEK 19
DATE CODE
YEAR 1 = 2001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com