Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3056ASD Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MAX3056ASD
Description  짹80V Fault-Protected/Tolerant CAN Transceivers for In-Car Applications
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3056ASD Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAX3056ASD Datasheet HTML 10Page - Maxim Integrated Products MAX3056ASD Datasheet HTML 11Page - Maxim Integrated Products MAX3056ASD Datasheet HTML 12Page - Maxim Integrated Products MAX3056ASD Datasheet HTML 13Page - Maxim Integrated Products MAX3056ASD Datasheet HTML 14Page - Maxim Integrated Products MAX3056ASD Datasheet HTML 15Page - Maxim Integrated Products MAX3056ASD Datasheet HTML 16Page - Maxim Integrated Products MAX3056ASD Datasheet HTML 17Page - Maxim Integrated Products MAX3056ASD Datasheet HTML 18Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
Low-Power Modes
The transceiver provides three low-power modes that can
be entered or exited through pins STB and EN (Table 3).
Sleep Mode
The sleep mode is the mode with the lowest power con-
sumption. INH is switched to high impedance for deacti-
vation of the external voltage regulator. CANL is biased
to the battery voltage through RTL. If the supply voltage
is provided, RXD and ERR signal the wake-up interrupt.
Standby Mode
The standby mode reacts the same as the sleep mode,
but with a HIGH level on INH. Standby mode can be
used when the external voltage regulator needs to be
kept active during low-power operation.
Power-On Standby Mode
The power-on standby mode behaves similarly to the
standby mode with the battery power-on flag of the
wake-up interrupt signal on ERR. This mode is only for
reading the power-on flag. INH can be high or low in
the power-on standby mode. When the device goes
from standby mode to power-on standby mode, INH is
HIGH. When the device goes from sleep mode to
power-on standby mode, INH is low.
Wake-Up
Wake-up requests are recognized by the transceiver
when a dominant signal is detected on either bus line
or if WAKE detects a pulse for more than 38µs. On a
wake-up request, INH is set high to activate an external
voltage regulator.
If VCC is provided, the wake-up request can be read on
the ERR or RXD outputs.
To prevent false wake-up due to transients or RF fields,
the wake-up voltage levels have to be maintained for more
than 38µs. In the low-power modes, the failure detection
circuit remains partly active to prevent increased power
consumption in the event of failures 3, 4, 7, and 8.
Applications Information
The MAX3054/MAX3055/MAX3056 are capable of sus-
taining a network of up to 32 transceivers on a single
bus. The fault-tolerant transceivers are designed to
operate at a total termination resistance of 100
Ω. Both
CANH and CANL lines are terminated with 100
Ω. Since
the total termination resistance of the system is distrib-
uted over the entire bus, each of the transceivers con-
tributes only part of the total 100
Ω termination. The
values of the termination resistors RTL and RTH vary
according to the size of the system and need to be cal-
culated. It is not required that each transceiver be ter-
minated with the same value, the total termination need
only be a total 100
Ω.
The minimum termination resistor value allowed for
each transceiver is 500
Ω, due to the driving capability
of RTH and RTL. This makes it impossible to achieve a
total termination resistance of 100
Ω for systems smaller
than five transceivers. Typically this does not create a
problem because smaller systems usually have shorter
bus cables and have no problem with higher total ter-
mination resistance.
To reduce EMI in the case of an interrupted bus wire it
is recommended not to exceed 6k
Ω termination resis-
tance at a single transceiver even though a higher
value is specified.
±80V Fault-Protected/Tolerant CAN
Transceivers for In-Car Applications
16
______________________________________________________________________________________
Note 1: In case the go-to-sleep command was used before.
Note 2: If the supply voltage VCC is present.
Note 3: Wake-up interrupts are released when entering the normal operating mode.
ERR
RXD
MODE
STB
EN
LOW
HIGH
LOW
HIGH
RTL
SWITCHED TO
Go-to-Sleep
Command
01
Sleep
0
0 (Note 1)
Standby
0
0
Wake-up
interrupt signal
(Notes 2 and 3)
—
Wake-up
interrupt signal
(Notes 2 and 3)
—
VBATT
Power-On
Standby
10
VBATT power-on
flag
—
Wake-up
interrupt signal
(Notes 2 and 3)
—
VBATT
Normal
Operating
1
1
Error flag
No error flag
Dominant
received data
Recessive
received data
VCC
Table 3. Low-Power Modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com