Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3085ESA Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX3085ESA
Description  Fail-Safe, High-Speed 10Mbps, Slew-Rate-Limited RS-485/RS-422 Transceivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3085ESA Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX3085ESA Datasheet HTML 9Page - Maxim Integrated Products MAX3085ESA Datasheet HTML 10Page - Maxim Integrated Products MAX3085ESA Datasheet HTML 11Page - Maxim Integrated Products MAX3085ESA Datasheet HTML 12Page - Maxim Integrated Products MAX3085ESA Datasheet HTML 13Page - Maxim Integrated Products MAX3085ESA Datasheet HTML 14Page - Maxim Integrated Products MAX3085ESA Datasheet HTML 15Page - Maxim Integrated Products MAX3085ESA Datasheet HTML 16Page - Maxim Integrated Products MAX3085ESA Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Fail-Safe, High-Speed (10Mbps),
Slew-Rate-Limited RS-485/RS-422 Transceivers
______________________________________________________________________________________
13
MAX3081
MAX3084
MAX3087
TOP VIEW
1
2
3
4
RO
DI
GND
8
7
6
5
A
B
Z
Y
VCC
DIP/SO
R
D
Rt
Rt
VCC
5
6
7
8
RO
DI
GND
4 GND
DI
RO
3
2
A
B
Y
Z
VCC
DR
R
D
1
0.1
µF
Figure 2. MAX3081/MAX3084/MAX3087 Pin Configuration and Typical Full-Duplex Operating Circuit
MAX3080
MAX3083
MAX3086
DIP/SO
TOP VIEW
Rt
Rt
DE
VCC
RE
GND
VCC RE
GND
DE
RO
DI
9
10
12
11
B
A
Z
Y
0.1
µF
5
RO
NC
DI
2
1, 8, 13
3
6, 7
14
4
1
2
3
4
5
6
7
14
13
12
11
10
9
8
VCC
N.C.
N.C.
A
B
Z
Y
N.C.
RO
RE
DE
DI
GND
GND
R
D
D
RD
R
Figure 1. MAX3080/MAX3083/MAX3086 Pin Configuration and Typical Full-Duplex Operating Circuit
MAX3082
MAX3085
MAX3088
TOP VIEW
NOTE: PIN LABELS Y AND Z ON TIMING, TEST, AND WAVEFORM DIAGRAMS REFER TO PINS A AND B WHEN DE IS HIGH.
1
2
3
4
8
5
VCC
0.1
µF
GND
DI
DE
RE
RO
R
D
Rt
Rt
7
6
D
R
DE
RE
DI
RO
A
B
1
2
3
4
8
7
6
5
VCC
B
A
GND
DI
DE
RE
RO
DIP/SO
R
D
B
A
Figure 3. MAX3082/MAX3085/MAX3088 Pin Configuration and Typical Half-Duplex Operating Circuit
TOP VIEW
TOP VIEW
TOP VIEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com