Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3100CPD Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MAX3100CPD
Description  SPI/Microwire-Compatible UART in QSOP-16
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3100CPD Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAX3100CPD Datasheet HTML 12Page - Maxim Integrated Products MAX3100CPD Datasheet HTML 13Page - Maxim Integrated Products MAX3100CPD Datasheet HTML 14Page - Maxim Integrated Products MAX3100CPD Datasheet HTML 15Page - Maxim Integrated Products MAX3100CPD Datasheet HTML 16Page - Maxim Integrated Products MAX3100CPD Datasheet HTML 17Page - Maxim Integrated Products MAX3100CPD Datasheet HTML 18Page - Maxim Integrated Products MAX3100CPD Datasheet HTML 19Page - Maxim Integrated Products MAX3100CPD Datasheet HTML 20Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
SPI/Microwire-Compatible
UART in QSOP-16
16
______________________________________________________________________________________
MAX3100
3100
IRQ
RX
TX
RX
TX
RXD
TXD
22pF
22pF
330
Ω
IR LED
+5V
1/6 HC00
1/6 HC00
DIRECT
OPTO-COUPLER
DRIVE
OR
IR MODULE
DRIVE
IR
MODULE
8051
MAX3221
100
Ω
0.1
µF
+5V
1.8432MHz
10k
Figure 10. Bidirectional RS-232 IrDA Using an 8051
Interface to PIC Processor
(“Quick Brown Fox” Generator)
Figure 11 illustrates the use of the MAX3100 with the
PIC®. This circuit is a “Quick Brown Fox” generator that
repeatedly transmits “THE QUICK BROWN FOX JUMPS
OVER THE LAZY DOG” (covering the entire alphabet)
over an RS-232 link with adjustable baud rate, word
length, and delay. Although a software-based UART
could be implemented on the PIC, features like accu-
rate variable baud rates, high baud rates, and simple
protocol selection would be difficult to implement reli-
ably. The 16C54 in the example is the most basic of the
PICs. Thus, it is possible to implement the example on
any member of the PIC family.
The software routine (Figure 12) begins by reading the
DIP switch on port RB. The switch data includes 4 bits
for the baud rate, 1 bit for number of stop bits, 1 bit for
a word length of 7 or 8 bits, and 1 bit for delay between
messages. The PIC reads the switch only at initializa-
tion (reset), and programs the parameters into the
MAX3100. It then begins sending the message repeat-
edly. If the delay bit is set, it inserts a 1sec delay
between transmissions. As in the 8051 example, the
main routine is called UTLK, and can be used in any
PIC-based, port-pin-interfaced application.
PIC is a registered trademark of Microchip Corporation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com