Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTDR4F Datasheet(PDF) 1 Page - Central Technologies

Part # CTDR4F
Description  Drum Cores - Radial Leaded
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTDR4F Datasheet(HTML) 1 Page - Central Technologies

  CTDR4F Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Drum Cores - Radial Leaded
ctparts.com
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2009 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
TECHNOLOGIES
02.11.09
Size
A
B
C
Max.
Max.
Max.
mm
26.2
38.1
12.7
inches
1.03
1.50
0.50
PHYSICAL DIMENSIONS
A
C
B
D
SPECIFICATIONS
Parts numbers indicate available tolerance.
K = ±10%, M = ±20%
Inductance
DCR
Saturated
Wire Dia.
Dim.
Part
at 1kHz
Max.
Current
Ref.
D
Number
(µH)
(
Ω
Ω)
(A)
(inch)
(inch)
CTDR4F-1R8M
1.8
0.002
27.0
0.081
1.11
CTDR4F-2R2M
2.2
0.002
27.0
0.081
1.11
CTDR4F-2R7M
2.7
0.003
27.0
0.081
1.11
CTDR4F-3R3M
3.3
0.003
27.0
0.081
1.11
CTDR4F-4R7M
4.7
0.003
27.0
0.081
1.11
CTDR4F-5R6M
5.6
0.004
27.0
0.081
1.11
CTDR4F-6R8M
6.8
0.004
27.0
0.081
1.15
CTDR4F-8R2M
8.2
0.004
27.0
0.081
1.15
CTDR4F-100K
10
0.005
27.0
0.081
1.15
CTDR4F-120K
12
0.005
27.0
0.081
1.15
CTDR4F-150K
15
0.006
27.0
0.081
1.15
CTDR4F-180K
18
0.008
27.0
0.081
1.15
CTDR4F-220K
22
0.009
21.0
0.081
1.15
CTDR4F-270K
27
0.010
21.0
0.081
1.15
CTDR4F-330K
33
0.011
21.0
0.072
1.15
CTDR4F-390K
39
0.012
21.0
0.072
1.15
CTDR4F-470K
47
0.018
14.4
0.072
1.15
CTDR4F-560K
56
0.019
14.4
0.064
1.15
CTDR4F-680K
68
0.021
14.4
0.064
1.15
CTDR4F-820K
82
0.023
14.4
0.064
1.15
CTDR4F-101K
100
0.025
14.4
0.064
1.15
CTDR4F-121K
120
0.028
14.4
0.057
1.15
CTDR4F-151K
150
0.040
11.4
0.057
1.15
CTDR4F-181K
180
0.045
11.4
0.057
1.15
CTDR4F-221K
220
0.050
11.4
0.051
1.15
CTDR4F-271K
270
0.056
11.4
0.051
1.15
CTDR4F-331K
330
0.074
11.4
0.051
1.15
CTDR4F-391K
390
0.082
9.0
0.045
1.15
CTDR4F-471K
470
0.114
7.2
0.045
1.15
CTDR4F-561K
560
0.125
7.2
0.040
1.15
CTDR4F-681K
680
0.139
7.2
0.040
1.15
CTDR4F-821K
820
0.154
7.2
0.040
1.15
CTDR4F-102K
1000
0.216
5.5
0.040
1.15
CTDR4F-122K
1200
0.232
5.5
0.036
1.14
CTDR4F-152K
1500
0.324
4.5
0.036
1.14
CTDR4F-182K
1800
0.360
4.5
0.036
1.14
CTDR4F-222K
2200
0.494
4.0
0.032
1.10
CTDR4F-272K
2700
0.555
4.0
0.032
1.12
CTDR4F-332K
3300
0.773
2.8
0.029
1.10
CTDR4F-392K
3900
0.845
2.8
0.029
1.10
CTDR4F-472K
4700
1.140
2.0
0.029
1.12
CTDR4F-562K
5600
1.600
2.0
0.025
1.09
CTDR4F-682K
6800
1.760
1.6
0.025
1.12
CTDR4F-822K
8200
1.950
1.6
0.023
1.09
CTDR4F-103K
10000
2.760
1.3
0.023
1.11
CTDR4F-123K
12000
3.040
1.3
0.020
1.08
CTDR4F-153K
15000
3.390
1.3
0.020
1.10
CTDR4F Series
From 1.8 µH to 15,000 µH
Not shown at actual size.
CHARACTERISTICS
Description: Radial leaded drum core inductor
Applications: Used in switching regulators, power amplifiers,
power supplies, SCR and Triac controls, speaker crossover
networks, RFI suppression and filters
Operating Temperature: -25°C to +85°C
Inductance Tolerance: ±10%, ±20%
Testing: Inductance is tested on an HP4284A at 1.0 kHz
Saturated Current: Lowers inductance by 5%
Packaging: Bulk pack
Sleeving: Coils finished with UL-VW-1 sleeving
Mounting: Center hole furnished for mechanical mounting
Miscellaneous: RoHS Compliant. Non-standard tolerances and
other values available.
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
RoHS
Compliant


Similar Part No. - CTDR4F

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTDR0904F CT-CTDR0904F Datasheet
223Kb / 2P
Data Line Chokes
CTDR0904F-101 CT-CTDR0904F-101 Datasheet
223Kb / 2P
Data Line Chokes
CTDR0904F-102 CT-CTDR0904F-102 Datasheet
223Kb / 2P
Data Line Chokes
CTDR0904F-110 CT-CTDR0904F-110 Datasheet
223Kb / 2P
Data Line Chokes
CTDR0904F-250 CT-CTDR0904F-250 Datasheet
223Kb / 2P
Data Line Chokes
More results

Similar Description - CTDR4F

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTDR1 CT-CTDR1 Datasheet
158Kb / 1P
Drum Cores - Radial Leaded
CTDR2 CT-CTDR2 Datasheet
156Kb / 1P
Drum Cores - Radial Leaded
CTDR3 CT-CTDR3 Datasheet
188Kb / 1P
Drum Cores - Radial Leaded
CTDR2F CT-CTDR2F Datasheet
120Kb / 1P
Drum Cores - Radial Leaded
CTDR3F CT-CTDR3F Datasheet
213Kb / 1P
Drum Cores - Radial Leaded
CTRL5480F-4 CT-CTRL5480F-4 Datasheet
339Kb / 1P
Drum Cores - Radial
CTRL5480F-5 CT-CTRL5480F-5 Datasheet
342Kb / 1P
Drum Cores - Radial
CTDR1F CT-CTDR1F Datasheet
115Kb / 1P
Drum Cores - Radial Leaded
CTDR5F CT-CTDR5F Datasheet
141Kb / 1P
Drum Core Inductors - Radial Leaded
CTDR6F CT-CTDR6F Datasheet
143Kb / 1P
Drum Core Inductors - Radial Leaded
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com