Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3100EEE Datasheet(PDF) 19 Page - Maxim Integrated Products

Part # MAX3100EEE
Description  SPI/Microwire-Compatible UART in QSOP-16
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3100EEE Datasheet(HTML) 19 Page - Maxim Integrated Products

Back Button MAX3100EEE Datasheet HTML 15Page - Maxim Integrated Products MAX3100EEE Datasheet HTML 16Page - Maxim Integrated Products MAX3100EEE Datasheet HTML 17Page - Maxim Integrated Products MAX3100EEE Datasheet HTML 18Page - Maxim Integrated Products MAX3100EEE Datasheet HTML 19Page - Maxim Integrated Products MAX3100EEE Datasheet HTML 20Page - Maxim Integrated Products MAX3100EEE Datasheet HTML 21Page - Maxim Integrated Products MAX3100EEE Datasheet HTML 22Page - Maxim Integrated Products MAX3100EEE Datasheet HTML 23Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
Table 11. Bit Definitions*
Table 13. 1.8432MHz Baud Rates
Table 12. Field Definitions
*
Default setting is clear
SPI/Microwire-Compatible
UART in QSOP-16
______________________________________________________________________________________
19
Baud
115.2k
B3...B0
56k
0 0 0 1
2
0 0 0 0
1
28k
0 0 1 0
4
14k
BRD
0 0 1 1
8
Baud
38.4k
B3...B0
19.2k
1 0 0 1
6
1 0 0 0
3
9600
1 0 1 0
12
4800
BRD
1 0 1 1
24
2400
1200
1 1 0 1
96
1 1 0 0
48
600
1 1 1 0
192
300
1 1 1 1
384
7200
3600
0 1 0 1
32
0 1 0 0
16
1800
0 1 1 0
64
900
0 1 1 1
128
Meaning
Register
Field Name
Baud-rate divisor
Transmit data
Write Data
D7t–D0t
Config
B3–B0
Received parity bit
Read Data
Pr
Received data
Read Data
D7r–D0r
Parity disabled
Parity enabled
Config
PE
Enable FIFO
buffer
Disable FIFO
buffer
Bit Set (1)
Bit Clear (0)
Operate
Shutdown
Config
SHDNi
Disable transmit-
done interrupt
Enable transmit-
done interrupt
Disable data-
received
interrupt
Enable data-
received inter-
rupt
Config
RM
Config
TM
Disable parity
interrupt
Enable parity
interrupt
Disable framing-
error interrupt
Enable framing-
error interrupt
Config
RAM
Standard
timing
Enable IrDA
timing mode
One stop bit
Two stop bits
Config
ST
Config
IR
Config
PM
Config
Register
FEN
Bit
Name
Bit Set (1)
Bit Clear (0)
Word length =
8 bits
Word length =
7 bits
Config
L
Enable normal
operation
Inhibit TX output
Register
Drive RTS out-
put pin high
Drive RTS output
pin low
Write
Data
RTS
Write
Data
TE
Transmit
parity = 0
Transmit
parity = 1
Write
Data
Pt
Normal
Data overrun or
framing error
CTS input pin is
high
CTS input pin is
low
Read
Data
CTS
Data buffer is
empty
Data has been
received
UART is busy
transmitting
Transmit buffer
is empty
All
T
All
R
Bit
Name
Read
Data
RA/FE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com