Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AGS-920I-R14A1E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # AGS-920I-R14A1E
Description  2U Rackmount Intel Xeon E5-2600 / 2600 v2 GPU server, Supporting 4 x PCIe x16 double-deck card 1 x PCIe x8 FH/HL card
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

AGS-920I-R14A1E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  AGS-920I-R14A1E Datasheet HTML 1Page - Advantech Co., Ltd. AGS-920I-R14A1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Dimensions
Unit: mm [inch]
AGS-920
Ordering Information
Part Number
HDD
VGA CHip
RJ45
IPMI
Power Supply
AGS-920I-R14A1E
8
AST 2300
4
YES
1+1 1400W RPS
Front View
Rear View
Inside View
System Contents
Items
Advantech P/N
Quantity
AGS-920I Barebone System
N/A
1
Driver CD
N/A
1
Rail kit (pair)
9680015703
1
CPU cooler
1960063011N001
2
Power module (Installed in the system)
1757004662-01
2
Power cable for GPU/VGA card
(Installed in the system)
1700023022-01
8
Lower Right slot
Upper Middle slot
Lower Left slot
Upper Left slot
770
796.75
836.75
836.75
88
770
796.75
836.50
59.40
147
282.50
412.72
557.70
743
885.15
TAPPING M4 THREAD *6
770
796.75
836.50
59.40
147
282.50
412.72
557.70
743
TAPPING M4 THREAD *6
Optional Accessories
Part Number
Description
98R1920I10E
Optional parts for Upper Left GPU card air duct with FAN
98R1920I20E
Optional parts for Upper Left GPU card air duct with FAN and
display output



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com