Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74HC
Description  4-bit magnitude comparator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC Datasheet(HTML) 7 Page - NXP Semiconductors

  74HC Datasheet HTML 1Page - NXP Semiconductors 74HC Datasheet HTML 2Page - NXP Semiconductors 74HC Datasheet HTML 3Page - NXP Semiconductors 74HC Datasheet HTML 4Page - NXP Semiconductors 74HC Datasheet HTML 5Page - NXP Semiconductors 74HC Datasheet HTML 6Page - NXP Semiconductors 74HC Datasheet HTML 7Page - NXP Semiconductors 74HC Datasheet HTML 8Page - NXP Semiconductors 74HC Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
December 1990
7
Philips Semiconductors
Product specification
4-bit magnitude comparator
74HC/HCT85
DC CHARACTERISTICS FOR 74HCT
For the DC characteristics see
“74HC/HCT/HCU/HCMOS Logic Family Specifications”.
Output capability: standard
ICC category: MSI
Note to HCT types
The value of additional quiescent supply current (
∆ICC) for a unit load of 1 is given in the family specifications.
To determine
∆ICC per input, multiply this value by the unit load coefficient shown in the table below.
AC CHARACTERISTICS FOR 74HCT
GND = 0 V; tr =tf = 6 ns; CL = 50 pF
INPUT
UNIT LOAD COEFFICIENT
IA<B
IA>B
IA=B
An, Bn
1.00
1.00
1.50
1.50
SYMBOL PARAMETER
Tamb (°C)
TEST CONDITIONS
74HCT
UNIT
VCC
(V)
WAVEFORMS
+25
−40 to +85
−40 to +125
min.
typ.
max.
min. max.
min.
max.
tPHL/ tPLH
propagation delay
An, Bn to QA>B or QA<B
26
44
55
66
ns
4.5
Fig.6
tPHL/ tPLH
propagation delay
An, Bn to QA=B
24
40
50
60
ns
4.5
Fig.6
tPHL/ tPLH
propagation delay
IA<B, IA=B, IA>B to
QA<B, QA>B
18
31
39
47
ns
4.5
Fig.6
tPHL/ tPLH
propagation delay
IA=B to QA=B
18
31
39
47
ns
4.5
Fig.6
tTHL/ tTLH
output transition time
7
15
19
22
ns
4.5
Fig.6



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com