Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCT85 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # HCT85
Description  4-bit magnitude comparator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HCT85 Datasheet(HTML) 2 Page - NXP Semiconductors

  HCT85 Datasheet HTML 1Page - NXP Semiconductors HCT85 Datasheet HTML 2Page - NXP Semiconductors HCT85 Datasheet HTML 3Page - NXP Semiconductors HCT85 Datasheet HTML 4Page - NXP Semiconductors HCT85 Datasheet HTML 5Page - NXP Semiconductors HCT85 Datasheet HTML 6Page - NXP Semiconductors HCT85 Datasheet HTML 7Page - NXP Semiconductors HCT85 Datasheet HTML 8Page - NXP Semiconductors HCT85 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
December 1990
2
Philips Semiconductors
Product specification
4-bit magnitude comparator
74HC/HCT85
FEATURES
• Serial or parallel expansion without extra gating
• Magnitude comparison of any binary words
• Output capability: standard
• ICC category: MSI
GENERAL DESCRIPTION
The 74HC/HCT85 are high-speed Si-gate CMOS devices
and are pin compatible with low power Schottky TTL
(LSTTL). They are specified in compliance with JEDEC
standard no. 7A.
The 74HC/HCT85 are 4-bit magnitude comparators that
can be expanded to almost any length. They perform
comparison of two 4-bit binary, BCD or other monotonic
codes and present the three possible magnitude results at
the outputs (QA>B, QA=B and QA<B). The 4-bit inputs are
weighted (A0 to A3 and B0 to B3), where A3 and B3 are the
most significant bits.
The operation of the “85” is described in the function table,
showing all possible logic conditions. The upper part of the
table describes the normal operation under all conditions
that will occur in a single device or in a series expansion
scheme. In the upper part of the table the three outputs are
mutually exclusive. In the lower part of the table, the
outputs reflect the feed forward conditions that exist in the
parallel expansion scheme.
For proper compare operation the expander inputs (IA>B,
IA=B and IA<B) to the least significant position must be
connected as follows: IA<B =IA>B = = LOW and
IA=B = HIGH.
For words greater than 4-bits, units can be cascaded by
connecting outputs QA<B, QA>Β and QA=B to the
corresponding inputs of the significant comparator.
QUICK REFERENCE DATA
GND = 0 V; Tamb =25 °C; tr =tf = 6 ns
Notes
1. CPD is used to determine the dynamic power dissipation (PD in µW):
PD =CPD × VCC2 × fi + ∑ (CL × VCC2 × fo) where:
fi = input frequency in MHz
fo = output frequency in MHz
∑ (CL × VCC2 × fo) = sum of outputs
CL = output load capacitance in pF
VCC = supply voltage in V
2. For HC the condition is VI = GND to VCC
For HCT the condition is VI = GND to VCC − 1.5 V
ORDERING INFORMATION
See
“74HC/HCT/HCU/HCMOS Logic Package Information”.
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
HC
HCT
tPHL/ tPLH
propagation delay
CL = 15 pF; VCC =5 V
An, Bn to QA>B, QA<B
20
22
ns
An, Bn to QA=B
18
20
ns
IA<B,, IA=B, IA>B to QA<B, QA>B
15
15
ns
IA=B to QA=B
11
15
ns
CI
input capacitance
3.5
3.5
pF
CPD
power dissipation capacitance per package
notes 1 and 2
18
20
pF



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com