Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR3842AM Datasheet(PDF) 11 Page - International Rectifier

Part # IR3842AM
Description  HIGHLY EFFICIENT INTEGRATED 6A SYNCHRONOUS BUCK REGULATOR
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3842AM Datasheet(HTML) 11 Page - International Rectifier

Back Button IR3842AM Datasheet HTML 7Page - International Rectifier IR3842AM Datasheet HTML 8Page - International Rectifier IR3842AM Datasheet HTML 9Page - International Rectifier IR3842AM Datasheet HTML 10Page - International Rectifier IR3842AM Datasheet HTML 11Page - International Rectifier IR3842AM Datasheet HTML 12Page - International Rectifier IR3842AM Datasheet HTML 13Page - International Rectifier IR3842AM Datasheet HTML 14Page - International Rectifier IR3842AM Datasheet HTML 15Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
Rev 8.0
11
IR3842WMPbF
PRELIMINARY DATA SHEET
Typical Efficiency and Power Loss Curves
Vin=5V, Vcc=5V, Io=1A-6A, F
s=600kHz, Room Temperature, No Air Flow
The table below shows the inductors used for each of the output voltages
in the efficiency measurement.
81
83
85
87
89
91
93
95
97
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Load Current (A)
0.7V
0.75V
0.9V
1.0V
1.1V
1.2V
1.5V
1.8V
2.5V
3.3V
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.01.5
2.02.5
3.03.5
4.04.5
5.05.5
6.0
Load Current (A)
0.7V
0.75V
0.9V
1.0V
1.1V
1.2V
1.5V
1.8V
2.5V
3.3V
2.45
MPO104-0R9IR
0.9
3.3
2.45
MPO104-0R9IR
0.9
2.5
2.45
MPO104-0R9IR
0.9
1.8
1.5
MPL104-0R6
0.6
1.2
2.45
MPO104-0R9IR
0.9
1.5
1.5
MPL104-0R6
0.6
1.1
1.5
MPL104-0R6
0.6
1
1.5
MPL104-0R6
0.6
0.9
0.29
59PR9875N
0.4
0.75
0.29
59PR9875N
0.4
0.7
DCR
(mΩ)
P/N
L (uH)
Vout (V)
2.45
MPO104-0R9IR
0.9
3.3
2.45
MPO104-0R9IR
0.9
2.5
2.45
MPO104-0R9IR
0.9
1.8
1.5
MPL104-0R6
0.6
1.2
2.45
MPO104-0R9IR
0.9
1.5
1.5
MPL104-0R6
0.6
1.1
1.5
MPL104-0R6
0.6
1
1.5
MPL104-0R6
0.6
0.9
0.29
59PR9875N
0.4
0.75
0.29
59PR9875N
0.4
0.7
DCR
(mΩ)
P/N
L (uH)
Vout (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com