Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JFN Datasheet(PDF) 2 Page - jb Capacitors Company

Part # JFN
Description  Non-inductive, (UL940V-0) plastic case sealed with epoxy resin
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JBCAPACITORS [jb Capacitors Company]
Direct Link  http://www.jbcapacitors.com
Logo JBCAPACITORS - jb Capacitors Company

JFN Datasheet(HTML) 2 Page - jb Capacitors Company

  JFN Datasheet HTML 1Page - jb Capacitors Company JFN Datasheet HTML 2Page - jb Capacitors Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
A type
Mfd
L±1.0
T±1.0
H±1.0
P±1.0
d ر0.05
CAP
L±1.0
T±1.0
H±1.0
P±1.0
d ر0.05
0.0022
12.0
5.0
11.0
10.0
0.6
0.068
18.0
5.0
11.0
15.0
0.6
0.0027
12.0
5.0
11.0
10.0
0.6
0.082
18.0
6.0
12.0
15.0
0.6
0.0033
12.0
5.0
11.0
10.0
0.6
0.1
18.0
6.0
12.0
15.0
0.8
0.0039
12.0
5.0
11.0
10.0
0.6
0.12
18.0
6.5
13.0
15.0
0.8
0.0047
12.0
5.0
11.0
10.0
0.6
0.15
18.0
7.5
13.5
15.0
0.8
0.0056
12.0
5.0
11.0
10.0
0.6
0.15
26.5
6.0
15.0
22.5
0.8
0.0068
12.0
5.0
11.0
10.0
0.6
0.18
26.5
6.0
15.0
22.5
0.8
0.0082
12.0
5.0
11.0
10.0
0.6
0.22
26.5
7.0
16.5
22.5
0.8
0.01
12.0
5.0
11.0
10.0
0.6
0.27
26.5
7.0
16.5
22.5
0.8
0.012
12.0
5.0
11.0
10.0
0.6
0.33
26.5
7.0
16.5
22.5
0.8
0.015
12.0
5.0
11.0
10.0
0.6
0.39
26.5
8.5
17.0
22.5
0.8
0.018
12.0
5.0
11.0
10.0
0.6
0.47
26.5
10.0
19.0
22.5
0.8
0.022
12.0
5.0
11.0
10.0
0.6
26.0
12.0
21.5
22.5
0.8
0.027
12.0
5.0
11.0
10.0
0.6
0.47
New Product, P/N: Sub-series code is “1”
0.033
12.0
5.0
11.0
10.0
0.6
0.56
31.5
10.8
19.5
27.5
0.8
0.039
12.0
5.0
11.0
10.0
0.6
0.68
31.5
10.8
19.5
27.5
0.8
0.047
18.0
5.0
11.0
15.0
0.6
0.82
31.5
10.8
19.5
27.5
0.8
0.056
18.0
5.0
11.0
15.0
0.6
1.0
31.5
13.0
21.5
27.5
0.8
B type
0.047
12.0
5.0
11.0
10.0
0.6
0.33
18.0
9.5
15.5
15.0
0.8
0.056
13.0
6.0
12.0
10.0
0.6
0.39
18.0
11.0
18.5
15.0
0.8
0.068
13.0
6.0
12.0
10.0
0.6
0.47
18.0
11.0
18.5
15.0
0.8
0.082
13.0
6.0
12.0
10.0
0.6
0.56
26.5
10.0
19.0
22.5
0.8
0.1
13.0
6.0
12.0
10.0
0.8
0.68
26.5
10.0
19.0
22.5
0.8
0.18
18.0
7.5
13.5
15.0
0.8
0.82
26.0
12.0
21.5
22.5
0.8
0.22
18.0
8.5
14.5
15.0
0.8
1.0
26.0
12.0
21.5
22.5
0.8
*Please contact us for special item or size not listed
Please visit our website to get more update data, those data & specification are subject to change without notice.
STANDARD SIZE (mm)
X2 Metallized Polypropylene Film Capacitor (8 approval) – JFN
www.jbcapacitors.com
www.jbcapacitors.hk
E-mail: info@jbcapacitors.com
Tel : (852)2790 5091
Fax: (852)8169 8283



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com