Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3218CAP Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX3218CAP
Description  1uA Supply Current, 1.8V to 4.25V-Powered RS-232 Transceiver with AutoShutdown™
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3218CAP Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX3218CAP Datasheet HTML 1Page - Maxim Integrated Products MAX3218CAP Datasheet HTML 2Page - Maxim Integrated Products MAX3218CAP Datasheet HTML 3Page - Maxim Integrated Products MAX3218CAP Datasheet HTML 4Page - Maxim Integrated Products MAX3218CAP Datasheet HTML 5Page - Maxim Integrated Products MAX3218CAP Datasheet HTML 6Page - Maxim Integrated Products MAX3218CAP Datasheet HTML 7Page - Maxim Integrated Products MAX3218CAP Datasheet HTML 8Page - Maxim Integrated Products MAX3218CAP Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
1µA Supply Current, 1.8V to 4.25V-Powered
RS-232 Transceiver with AutoShutdown™
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(Circuit of Figure 1, VCC = 1.8V to 4.25V, C1 = 0.47µF, C2 = C3 = C4 = 1µF, L1 = 15µH, TA = TMIN to TMAX, unless otherwise noted.
Typical values are at VCC = 3.0V, TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Supply Voltages
VCC ....................................................................-0.3V to +4.6V
V+ .......................................................... (VCC - 0.3V) to +7.5V
V- .......................................................................+0.3V to -7.4V
VCC to V- ..........................................................................+12V
LX ................................................................-0.3V to (1V + V+)
Input Voltages
T_IN, FORCEON, FORCEOFF ............................ -0.3V to +7V
R_IN .................................................................................±25V
Output Voltages
T_OUT.............................................................................±15V)
R_OUT ....................................................-0.3V to (VCC + 0.3V)
Short-Circuit Duration, R_OUT, T_OUT to GND ....... Continuous
Continuous Power Dissipation (TA = +70°C)
Plastic DIP (derate 11.11mW/°C above +70°C) ..........889mW
SSOP (derate 8.00mW/°C above +70°C) ..................640mW
Operating Temperature Ranges
MAX3218C_ P ................................................... 0°C to +70°C
MAX3218E_ P ................................................. -40°C to +85°C
Storage Temperature Range ........................... -65°C to +150°C
Lead Temperature (soldering, 10sec) ........................... +300°C
VCC = 3.0V, TA = +25°C, all R_IN open,
FORCEON = GND, FORCEOFF = VCC
IOUT = -0.4mA,
|R_IN| > 2.8V
IOUT = 1.0mA, -0.3V < R_IN < 0.3V
1µA supply current, Figure 4a
Figure 4a
R_OUT, IOUT = 1.0mA
T_IN, FORCEON = FORCEOFF = 0V or VCC
T_IN, FORCEON, FORCEOFF
FORCEOFF = GND, TA = +25°C, VCC = 3.0V
R_OUT, 0V
≤ R_OUT ≤ VCC,
FORCEON = FORCEOFF = 0V
T_IN, FORCEON, FORCEOFF
R_OUT, IOUT = -0.4mA
CONDITIONS
V
VCC - 0.25
INVALID Output Low Voltage
0.4
V
-0.3
0.3
Receiver Input Thresholds
Transmitters Disabled
V
2.8
Receiver Input Thresholds,
Transmitters Enabled
µA
0.05
±10
Output Leakage Current
V
VCC - 0.25
VCC - 0.08
Output Voltage High
µA
1.0
10
Supply Current, AutoShutdown™
V
1.8
4.25
Operating Voltage Range
V
0.4
Output Voltage Low
µA
0.001
±1
Input Leakage Current
V
0.67 x VCC
Input Logic Threshold High
1.0
10
V
0.33 x VCC
Input Logic Threshold Low
UNITS
MIN
TYP
MAX
PARAMETER
FORCEON = FORCEOFF = VCC = 3.0V, no load
mA
2.0
3.0
Supply Current,
AutoShutdown™ Disabled
Supply Current, Shutdown
µA
INVALID Output High Voltage
V
DC CHARACTERISTICS
AUTOSHUTDOWN (FORCEON = GND, FORCEOFF = VCC)
LOGIC INPUTS AND RECEIVER OUTPUTS
Positive threshold
Negative threshold
-2.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com