Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LFG80 Datasheet(PDF) 1 Page - ORION FANS

Part # LFG80
Description  Filter Kits for 80mm
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORIONFANS [ORION FANS]
Direct Link  http://www.orionfans.com/index.html
Logo ORIONFANS - ORION FANS

LFG80 Datasheet(HTML) 1 Page - ORION FANS

  LFG80 Datasheet HTML 1Page - ORION FANS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Orion Fans
10557 Metric Drive
Dallas, TX 75243
800.323.2439
A division of Knight Electronics,
information and data are subject to
change without prior notification.
Part Number
LFG80
LFG92
Frame Description
ABS Resin - flame resistant UL94V-0, Vents with
screens at 45-degree angle. High foam sealing edge -
protection grade IP44-IP54 on LFG92 only
Filter Mesh Material
Nylon Fiber - Synthetic Resin, filters to 8 microns.
Color
Gray is standard. Black is available on request.
To specify
black add “B” to the part number.
Minimums may apply.
Louvered Fan Guards
Filter Kits for 80mm (3.15”)
& 92mm (3.62”) Fans
www.orionfans.com
LFG80 Filter Kit
for 80mm fan
LFG92 Filter Kit
for 92mm fan
106mm
116mm
10mm
22mm
10mm
22mm
Installation
Method
Grill
Filter
Main Body


Similar Part No. - LFG80

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LFG2060 LIGITEK-LFG2060 Datasheet
59Kb / 1P
FLASH ROUND TYPE LED LAMPS
logo
ORION FANS
LFG225B ORIONFANS-LFG225B Datasheet
536Kb / 1P
filter kit for 225mm
LFG280 ORIONFANS-LFG280 Datasheet
2Mb / 1P
FILTER KIT FOR 280mm
logo
Littelfuse
LFG480301 LITTELFUSE-LFG480301 Datasheet
455Kb / 2P
LF SERIES CLASS G FUSE BLOCKS
Rev: 4-A-071318
LFG480302 LITTELFUSE-LFG480302 Datasheet
455Kb / 2P
LF SERIES CLASS G FUSE BLOCKS
Rev: 4-A-071318
More results

Similar Description - LFG80

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DPS-250WB DELTA-DPS-250WB Datasheet
141Kb / 1P
80mm fan
logo
Qualtek Electronics Cor...
06325-B QUALTEK-06325-B Datasheet
207Kb / 1P
FAN FILTER SCREEN (80mm)
06325-M QUALTEK-06325-M Datasheet
206Kb / 1P
FAN FILTER SCREEN (80mm)
06325-SS QUALTEK-06325-SS Datasheet
208Kb / 1P
FAN FILTER SCREEN (80mm)
logo
ORION FANS
LFG92 ORIONFANS-LFG92 Datasheet
1Mb / 1P
Filter Kits for 80mm
WMG80 ORIONFANS-WMG80 Datasheet
119Kb / 1P
Wire Mesh Guard for 80mm Fan
logo
Rosenberger Hochfrequen...
SLGK002C-C03-060 ROSENBERGER-SLGK002C-C03-060 Datasheet
106Kb / 1P
Grounding Kits for cable
SLGK002C-C06-060 ROSENBERGER-SLGK002C-C06-060 Datasheet
106Kb / 1P
Grounding Kits for cable
logo
Banner Engineering Corp...
LEDAPFK BANNER-LEDAPFK Datasheet
106Kb / 1P
Area Light/Backlight Polarizing Filter Kits
logo
ORION FANS
GRM80 ORIONFANS-GRM80_V01 Datasheet
408Kb / 1P
Plastic Filter Kit Fits 80mm Fans
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com