Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX321CSA Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX321CSA
Description  Precision, Dual-Supply, SPST Analog Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX321CSA Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX321CSA Datasheet HTML 1Page - Maxim Integrated Products MAX321CSA Datasheet HTML 2Page - Maxim Integrated Products MAX321CSA Datasheet HTML 3Page - Maxim Integrated Products MAX321CSA Datasheet HTML 4Page - Maxim Integrated Products MAX321CSA Datasheet HTML 5Page - Maxim Integrated Products MAX321CSA Datasheet HTML 6Page - Maxim Integrated Products MAX321CSA Datasheet HTML 7Page - Maxim Integrated Products MAX321CSA Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Precision, Dual-Supply, SPST
Analog Switches
_______________________________________________________________________________________
5
__________Applications Information
Logic Levels
Calculate the logic thresholds typically as follows: VIH =
(V+ - 1.5V) and VIL = (V+ - 2.5V).
Power-supply consumption is minimized when IN1 and
IN2 are driven with logic-high levels equal to V+ and logic-
low levels well below the calculated VIL of (V+ - 2.5V). IN1
and IN2 can be driven to V- without damage.
Analog Signal Levels
Analog signals that range over the entire supply voltage
(V- to V+) can be switched, with very little change in on-
resistance over the entire voltage range (see
Typical
Operating Characteristics). All switches are bidirec-
tional, so NO_, NC_, and COM_ pins can be used as
either inputs or outputs.
Power-Supply Sequencing
and Overvoltage Protection
Do not exceed the absolute maximum ratings, because
stresses beyond the listed ratings may cause perma-
nent damage to the devices.
Proper power-supply sequencing is recommended for
all CMOS devices. Always apply V+, followed by V-,
before applying analog signals or logic inputs, especial-
ly if the analog or logic signals are not current-limited. If
this sequencing is not possible, and if the analog or
logic inputs are not current-limited to <30mA, add two
small signal diodes (D1, D2) as shown in Figure 1.
Adding protection diodes reduces the analog signal
range to a diode drop (about 0.7V) below V+ for D1,
and a diode drop above V- for D2. Leakage is not
affected by adding the diodes. On-resistance increas-
es by a small amount at low supply voltages. Maximum
supply voltage (V- to V+) must not exceed 17V.
Adding protection diode D1 causes the logic thresh-
olds to be shifted relative to the positive power-supply
rail. This can be significant when low positive supply
voltages (+5V or less) are used. Driving IN1 and IN2 all
the way to the supply rails (i.e., to a diode drop higher
than the V+ pin or a diode drop lower than the V- pin) is
always acceptable.
The protection diodes D1 and D2 also protect against
some overvoltage situations. With the circuit of Figure 1,
if the supply voltage is below the absolute maximum
rating and if a fault voltage up to the absolute maximum
rating is applied to an analog signal pin, no damage
will result. For example, with ±5V supplies, analog sig-
nals up to ±8.5V will not damage the circuit of Figure 1.
If only a single fault signal is present, the fault voltage
can rise to +12V or to -12V without damage.
_____________________Pin Description
POSITIVE SUPPLY
COM
D1
D2
NO
V-
Vg
V+
NEGATIVE SUPPLY
MAX320
MAX321
MAX322
Figure 1. Overvoltage Protection Using Two External Blocking
Diodes
5
Normally Closed Analog
Switch Terminal
NC2
(MAX321/MAX322)
Normally Open Analog
Switch Terminal
NO2
(MAX320)
Negative Supply
V-
4
Logic Inputs
IN2, IN1
3, 7
PIN
Analog Switch Common
Terminals
COM1, COM2
2, 6
Normally Closed Analog
Switch Terminal
NC1
(MAX321)
Normally Open Analog
Switch Terminal
NO1
(MAX320/MAX322)
1
FUNCTION
NAME
Positive Supply
V+
8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com