Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OA280 Datasheet(PDF) 1 Page - ORION FANS

Part # OA280
Description  1 min at 1500 VAC, 50/60Hz
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORIONFANS [ORION FANS]
Direct Link  http://www.orionfans.com/index.html
Logo ORIONFANS - ORION FANS

OA280 Datasheet(HTML) 1 Page - ORION FANS

  OA280 Datasheet HTML 1Page - ORION FANS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Model Number
OA280AN-11-1TB18
OA280AN-22-1TB18
Part Number
280315182
280615182
Nominal Voltage (50/60Hz)
115VAC
230VAC
Voltage Range
100 ~ 125VAC
200 ~ 240VAC
Rated Power
112 / 148 W
119 / 158 W
Nominal Current
1.0 / 1.5A
0.59 / 0.82A
Rated Speed (RPM) (50/60Hz)
2550 / 2700
2550 / 2700
Airflow (CFM) (50/60Hz)
1090 / 1130
1090 / 1130
Noise Level (dB)
68 / 70
68 / 70
Max. Static Pressure (50/60Hz)
0.78” H2O / (0.65”)
0.78” H2O / (0.65”)
O
OAA228800 SSeerriieess
280 x 80mm
(11.0” x 3.15”)
Frame
DiecastAluminum
Operating Temperature
Ball Bearing
-40C ~ +80C
Life Expectancy
Ball Bearing
40,000 hours (L10 at 40C)
Approvals
UL/cUL: E170149
TUV: R50133561
Environmental
IP55 Rated
Impeller
Metal
Connection
Terminal Block, 18AWG
Motor
Capacitor drive, impedance
and thermally protected
Bearing System
Dual ball
Insulation
Class F
Dielectric Strength
1 min at 1500 VAC, 50/60Hz
RoHS Compliant
10557 Metric Drive
Dallas, Texas 75243
214-340-0265
OrionFans.com
Information and data is subject to
change without prior notification.
070811
m2


Similar Part No. - OA280

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OA280-METAL ORIONFANS-OA280-METAL Datasheet
196Kb / 1P
AC Fan - 115V, 230V 280 x 80mm (11.0??x 3.15??
OA280AN-11-1TB18 ORIONFANS-OA280AN-11-1TB18 Datasheet
287Kb / 1P
AC Fan
OA280AN-11-1TB18 ORIONFANS-OA280AN-11-1TB18 Datasheet
196Kb / 1P
AC Fan - 115V, 230V 280 x 80mm (11.0??x 3.15??
OA280AN-22-1TB18 ORIONFANS-OA280AN-22-1TB18 Datasheet
287Kb / 1P
AC Fan
OA280AN-22-1TB18 ORIONFANS-OA280AN-22-1TB18 Datasheet
196Kb / 1P
AC Fan - 115V, 230V 280 x 80mm (11.0??x 3.15??
More results

Similar Description - OA280

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STBR606 STMICROELECTRONICS-STBR606 Datasheet
57Kb / 4P
50-60Hz RECTIFICATION BRIDGE
Aug-2001
logo
TRIAD MAGNETICS
MD-250-E TRIAD-MD-250-E Datasheet
55Kb / 1P
240VAC짹10%, 50/60Hz
MD-250-U TRIAD-MD-250-U Datasheet
55Kb / 1P
120VAC짹10%, 50/60Hz
MD-500-E TRIAD-MD-500-E Datasheet
55Kb / 1P
240VAC짹10%, 50/60Hz
MD-500-U TRIAD-MD-500-U Datasheet
55Kb / 1P
120VAC짹10%, 50/60Hz
MD-1000-U TRIAD-MD-1000-U Datasheet
55Kb / 1P
120VAC짹10%, 50/60Hz
MD-2000-U TRIAD-MD-2000-U Datasheet
54Kb / 1P
120VAC짹10%, 50/60Hz
MD-2400-E TRIAD-MD-2400-E Datasheet
54Kb / 1P
240VAC짹10%, 50/60Hz
logo
JMK Inc.
AA-2069-1 JMK-AA-2069-1 Datasheet
42Kb / 1P
1500 Vdc for 1.0 Min
logo
Adels-Contact
127001 ADELS-127001 Datasheet
116Kb / 2P
1500/ 1
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com