Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX321C/D Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX321C/D
Description  Precision, Dual-Supply, SPST Analog Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX321C/D Datasheet(HTML) 7 Page - Maxim Integrated Products

  MAX321C/D Datasheet HTML 1Page - Maxim Integrated Products MAX321C/D Datasheet HTML 2Page - Maxim Integrated Products MAX321C/D Datasheet HTML 3Page - Maxim Integrated Products MAX321C/D Datasheet HTML 4Page - Maxim Integrated Products MAX321C/D Datasheet HTML 5Page - Maxim Integrated Products MAX321C/D Datasheet HTML 6Page - Maxim Integrated Products MAX321C/D Datasheet HTML 7Page - Maxim Integrated Products MAX321C/D Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Precision, Dual-Supply, SPST
Analog Switches
_______________________________________________________________________________________
7
Figure 6. Crosstalk
IN
VIN
SIGNAL
GENERATOR 0dBm
+5V
10nF
ANALYZER
NC
or NO
RL
COM
10nF
-5V
V-
COM
V+
MAX320
MAX321
MAX322
SIGNAL
GENERATOR 0dBm
+5V
10nF
ANALYZER
N02
RL
COM1
10nF
V-
-5V
0V or 2.4V
IN1
N01
50
Ω
COM2
IN2
VIN
N.C.
V+
MAX320
MAX321
MAX322
Figure 5. Off Isolation
_________________________________Test Circuits/Timing Diagrams (continued)
CAPACITANCE
METER
NC or
NO
COM
10nF
V-
-5V
IN
VIN
10nF
+5V
f = 1MHz
V+
MAX320
MAX321
MAX322
Figure 8. Channel-On Capacitance
CAPACITANCE
METER
NC or
NO
COM
10nF
V-
-5V
IN
VIN
10nF
+5V
f = 1MHz
V+
MAX320
MAX321
MAX322
Figure 7. Channel-Off Capacitance



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com