Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR11672AS Datasheet(PDF) 21 Page - International Rectifier

Part # IR11672AS
Description  Secondary side high speed SR controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR11672AS Datasheet(HTML) 21 Page - International Rectifier

Back Button IR11672AS Datasheet HTML 17Page - International Rectifier IR11672AS Datasheet HTML 18Page - International Rectifier IR11672AS Datasheet HTML 19Page - International Rectifier IR11672AS Datasheet HTML 20Page - International Rectifier IR11672AS Datasheet HTML 21Page - International Rectifier IR11672AS Datasheet HTML 22Page - International Rectifier IR11672AS Datasheet HTML 23Page - International Rectifier IR11672AS Datasheet HTML 24Page - International Rectifier IR11672AS Datasheet HTML 25Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
IR11672AS
21
www.irf.com
© 2013 International Rectifier
Nov 6, 2013
Figure 17: VTH1 vs. Temperature
Figure 18: VTH2 vs. Temperature
Figure 19: Comparator Hysteresis vs.
Temperature
Figure 20: VTH1 vs. Temperature and Common Mode
(OVT=Floating)
-30.0
-25.0
-20.0
-15.0
-10.0
-5.0
0.0
-50 °C
0 °C
50 °C
100 °C
150 °C
Temperature
OVT=GND
OVT=Floating
OVT=VCC
-150.0
-100.0
-50.0
0.0
-50 °C
0 °C
50 °C
100 °C
150 °C
Temperature
0.0
25.0
50.0
75.0
100.0
-50 °C
0 °C
50 °C
100 °C
150 °C
Temperature
-11.2
-11.0
-10.8
-10.6
-10.4
-10.2
-10.0
-9.8
-9.6
-9.4
-9.2
-9.0
-50 °C
0 °C
50 °C
100 °C
150 °C
Temperature
VS=-150mV
VS=0V
VS=+2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com