Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10BT16PDIP Datasheet(PDF) 1 Page - Central Technologies

Part # 10BT16PDIP
Description  LAN Components
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

10BT16PDIP Datasheet(HTML) 1 Page - Central Technologies

  10BT16PDIP Datasheet HTML 1Page - Central Technologies 10BT16PDIP Datasheet HTML 2Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LAN Components
ctparts.com
Manufacturer of Inductors, Chokes, Coils, Beads, Transformers & Toroids
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2004 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
ORDERING INFO
Sine Wave
Leakage
Primary
Rise
PRI
Turn
Inductance
Inductance
ET-constant
Time
Cw/w
DCR
HI-POT
Part Number
Ratios
(µH)
(µH Max.)
(v-µs Min.)
(nS Max.)
(pF Max.)
(W
W Max.)
(Vrms)
CT-64103
1:1
125±20%
0.2
2.1
3.0
10
0.3
500
CT-64503
1:1
80~130
0.2
2.1
3.0
10
0.3
1500
CT-23Z435S
2CT:1CT & 1CT:1CT
140 Min.
0.4 & 1.1
–
5.0
12
0.3
1500
10 Base T 16 Pin DIP
Not shown at actual size.
APPLICATIONS
Electrical Specifications @ 25°C
Operating Temperature: 0°C to +70°C
PHYSICAL DIMENSIONS
l 16 Pin, DIP package to meet 10 Base-T specification.
l IEEE 802.3(10 base 2, 10 base 5) and Ecma compatible.
l Low leakage inductance and winding capacitances for fast rise time.
l High isolation voltages to comply with international safety requirements for
LANS.
06.02.03


Similar Part No. - 10BT16PDIP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
10BT-5 ETC1-10BT-5 Datasheet
784Kb / 44P
THERMOPILE TYPE INFRARED SENSOR
10BT-6 ETC1-10BT-6 Datasheet
784Kb / 44P
THERMOPILE TYPE INFRARED SENSOR
logo
Central Technologies
10BTLPF16PDIP CT-10BTLPF16PDIP Datasheet
194Kb / 2P
LAN Components
More results

Similar Description - 10BT16PDIP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HFX6015 ETC1-HFX6015 Datasheet
700Kb / 3P
Fiber Optic LAN Components
logo
Wurth Elektronik GmbH &...
749010012 WURTH-749010012 Datasheet
169Kb / 3P
LAN-Transformer WE-LAN
logo
Central Technologies
10-100B16PDIP CT-10-100B16PDIP Datasheet
185Kb / 2P
LAN Components
10-100BPCMCIA CT-10-100BPCMCIA Datasheet
188Kb / 2P
LAN Components
10BTLPF16PDIP CT-10BTLPF16PDIP Datasheet
194Kb / 2P
LAN Components
1000B24PSMD CT-1000B24PSMD Datasheet
302Kb / 2P
LAN Components
logo
Wurth Elektronik GmbH &...
7490100110A WURTH-7490100110A Datasheet
260Kb / 3P
LAN-Transformer WE-LAN
7490100111A WURTH-7490100111A Datasheet
503Kb / 4P
LAN-Transformer WE-LAN
749020100A WURTH-749020100A Datasheet
221Kb / 3P
LAN-Transformer WE-LAN
7490220120 WURTH-7490220120_V01 Datasheet
209Kb / 3P
LAN-Transformer WE-LAN
2018-09-10
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com