Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3222C/D Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX3222C/D
Description  3.0V to 5.5V, Low-Power, up to 1Mbps, True RS-232 Transceivers Using Four 0.1uF External Capacitors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3222C/D Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX3222C/D Datasheet HTML 8Page - Maxim Integrated Products MAX3222C/D Datasheet HTML 9Page - Maxim Integrated Products MAX3222C/D Datasheet HTML 10Page - Maxim Integrated Products MAX3222C/D Datasheet HTML 11Page - Maxim Integrated Products MAX3222C/D Datasheet HTML 12Page - Maxim Integrated Products MAX3222C/D Datasheet HTML 13Page - Maxim Integrated Products MAX3222C/D Datasheet HTML 14Page - Maxim Integrated Products MAX3222C/D Datasheet HTML 15Page - Maxim Integrated Products MAX3222C/D Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
3.0V to 5.5V, Low-Power, up to 1Mbps, True RS-232
Transceivers Using Four 0.1µF External Capacitors
______________________________________________________________________________________
13
_____________________________________Typical Operating Circuits (continued)
MAX3241
EN
23
R5OUT
15
R4OUT
16
R3OUT
17
R2OUT
18
R1OUT
19
R2OUTB
20
R1OUTB
21
TTL/CMOS
OUTPUTS
5k
5k
5k
5k
5k
R5IN 8
* C3 CAN BE RETURNED TO EITHER VCC OR GROUND.
R4IN 7
R3IN 6
R2IN
5
R1IN 4
RS-232
INPUTS
SHDN
22
GND
25
RS-232
OUTPUTS
TTL/CMOS
INPUTS
T3IN
12
T2IN
13
T1IN
14
C2-
2
C2+
1
C1-
24
C1+
28
T3OUT 11
T2OUT 10
T1OUT 9
V-
3
V+
27
VCC
C4
0.1
µF
C3
*
0.1
µF
0.1
µF
0.1
µF
0.1
µF
+3.3V
26
MAX3237
EN
13
R3OUT
18
R2OUT
20
R1OUT
21
R1OUTB
16
LOGIC
OUTPUTS
5k
5k
5k
* C3 CAN BE RETURNED TO EITHER VCC OR GROUND.
R3IN 11
R2IN
9
R1IN 8
RS-232
INPUTS
GND
2
RS-232
OUTPUTS
LOGIC
INPUTS
T3IN
22
T2IN
23
T1IN
24
C2-
3
C2+
1
C1-
25
C1+
28
T3OUT 7
T2OUT 6
T1OUT 5
T1
T2
T3
R1
R2
R3
V-
4
V+
27
VCC
0.1
µF
0.1
µF
0.1
µF
0.1
µF
0.1
µF
26
MBAUD
15
T5IN
17
T4IN
19
T5OUT 12
T4OUT 10
SHDN
14
T4
T5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com