Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFM Datasheet(PDF) 1 Page - ORION FANS

Part # AFM
Description  Air Flow Monitor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORIONFANS [ORION FANS]
Direct Link  http://www.orionfans.com/index.html
Logo ORIONFANS - ORION FANS

AFM Datasheet(HTML) 1 Page - ORION FANS

  AFM Datasheet HTML 1Page - ORION FANS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Orion Fans
10557 Metric Drive
Dallas, TX 75243
800.323.2439
A division of Knight Electronics,
information and data are subject to
change without prior notification.
Model No.
Description
Weight
AFM-01NC
Air-flow switch, NC with mounting clip and clamp (for attaching to existing fan assembly)
6 g (0.2 oz)
AFM-01NO
Air-flow monitor, NO with mounting clip and clamp (for attaching to existing fan assembly)
6 g (0.2 oz)
AFM-80NC
Air-flow monitor, NC with 80 x 80mm (3.15”) plastic finger guard
20 g (0.7 oz)
AFM-80NO
Air-flow monitor, NO with 80 x 80mm (3.15”) plastic finger guard
20 g (0.7 oz)
AFM-92NC
Air-flow monitor, NC with 92 x 92mm (3.62”) plastic finger guard
20 g (0.7 oz)
AFM-92NO
Air-flow monitor, NO with 92 x 92mm (3.62”) plastic finger guard
20 g (0.7 oz)
AFM-120NC
Air-flow monitor, NC with 120 x 120mm (4.27”) plastic finger guard
31 g (1.1 oz)
AFM-120NO
Air-flow monitor, NO with 120 x 120mm (4.27”) plastic finger guard
31 g (1.1 oz)
AFM Series
Air Flow Monitor
The air-flow monitor provides a simple alternative to indicate positive or negative air flow of fans or blowers.
When properly installed and connected in series with an optical (i.e. LED) or audible signaling device, a bi-
directional switch will activate an electrical contact if the air flow of the fan falls below 8.2 ft/s, turning the
signaling device on or off. The AFM monitor can also be attached to an existing grill or guard.
www.orionfans.com
Specifications
Contact Type: Reed/magnet contact
NC (Normally Closed): Contact open with air flow
NO (Normally Open): Contact closed with air flow
Switching Threshold of Air Flow Speed: >8.2 ft/s
(2.5 m/s)
Hysteresis: 3.3 ft/s (1m/s) - fixed
Contact Resistance Incl. Wire: 370m (1214”)
Service Life: >100,000 cycles
Maximum Switching Capacity: 10W (resistive load)
Maximum Switching Voltage: NC - AC/DC 240V
NO - DC 60V
Maximum Switching Current: NC - DC 500mA
NO - DC 170mA
Connection: 2 x single strand AWG26, length 500mm
(20”), tip of stranded wire stripped/tinned 5mm (0/20”)
Mounting: Attachment clamp and/or clip, or integrated in
protective grill
Mounting Position: Air-flow monitor opening
perpendicular to air flow
Operating Temperature: -20 to 50°C (-4 to 122°F)
Storage Temperature: -20 to 80°C (-4 to 176°F)
Housing: Plastic, UL 94HB, black
Dimensions: 34 x 17.5 x 7.5mm (1.3 x 0.7 x 0.3”)
Protection Type: NEMA 1 (IP 20)
Agency Approvals: CE
RoHS Compliant
Dimensions: mm (inch)
Wiring Example
Air-flow monitor integrated
in a protective grill
+
80 x 80
(3.15 x 3.15)
92 x 92 / 120 x 120
(3.62 x 3.62 / 4.72 x 4.72)
7.5 (0.3)
17.5
(0.7)
34 (1.3)
e.g signal
device


Similar Part No. - AFM

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
AFM XPPOWER-AFM Datasheet
363Kb / 2P
Energy Efficiency Level V
logo
GardTec, Inc.
AFM-120B GARDTEC-AFM-120B Datasheet
92Kb / 1P
Black Electrodeposit Plating
AFM-120M GARDTEC-AFM-120M Datasheet
365Kb / 1P
Frame- 0.6mm Aluminum Mesh- 24#/25.4mm Stainless Steel
AFM-127M GARDTEC-AFM-127M Datasheet
348Kb / 1P
Frame- 0.6mm Aluminum Mesh- 24#/25.4mm Stainless Steel
AFM-162B GARDTEC-AFM-162B Datasheet
360Kb / 1P
Frame- 0.6mm Black Aluminum Mesh- 24#/25.4mm Black Stainless Steel
More results

Similar Description - AFM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FSW800 ETC1-FSW800 Datasheet
340Kb / 1P
COMPACT FAN AND FILTER FAN AIR FLOW MONITOR
logo
Festo Corporation.
8058463 FESTO-8058463 Datasheet
102Kb / 3P
Air flow sensor
8058470 FESTO-8058470 Datasheet
105Kb / 3P
Air flow sensor
SFAB-50U-WQ6-2SA-M12 FESTO-SFAB-50U-WQ6-2SA-M12 Datasheet
81Kb / 2P
Air flow sensor
SFAB-200U-HQ8-2SV-M12 FESTO-SFAB-200U-HQ8-2SV-M12 Datasheet
79Kb / 2P
Air flow sensor
SFAB-200U-WQ8-2SV-M12 FESTO-SFAB-200U-WQ8-2SV-M12 Datasheet
80Kb / 2P
Air flow sensor
SFAH-5U-Q6S-PNLK-PNVBA-M8 FESTO-SFAH-5U-Q6S-PNLK-PNVBA-M8 Datasheet
105Kb / 3P
Air flow sensor
8058471 FESTO-8058471 Datasheet
102Kb / 3P
Air flow sensor
565375 FESTO-565375 Datasheet
82Kb / 2P
Air flow sensor
SFAM-90-10000L-M-2SV-M12 FESTO-SFAM-90-10000L-M-2SV-M12 Datasheet
78Kb / 2P
Air flow sensor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com