Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10BTLPF16PDIP Datasheet(PDF) 1 Page - Central Technologies

Part # 10BTLPF16PDIP
Description  LAN Components
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

10BTLPF16PDIP Datasheet(HTML) 1 Page - Central Technologies

  10BTLPF16PDIP Datasheet HTML 1Page - Central Technologies 10BTLPF16PDIP Datasheet HTML 2Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LAN Components
ctparts.com
Manufacturer of Inductors, Chokes, Coils, Beads, Transformers & Toroids
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2004 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
06.04.03
ORDERING INFO
Return Loss
Attenuation
Insertion Loss
(dB Min.)
Crosstalk
(dB Min.)
Turn Ratio
Part
(dB Max.)
TX/RX
(dB Min.)
TX/RX
(±5%)
Number
0.1~10MHz
1-10 MHz
5-10 MHz
1-12 MHz
1-10 MHz
5-10 MHz
20 MHz
25 MHz
30 MHz
40 MHz
TX/RX
CT-68812
-1.0
–
-14/-14
–
-30
–
-7/-6
-13/-14
-28/-20
-32/-31
1:1
CT-Z034C
-1.0
–
–
-13.5
-30
–
-6.8/-4.2
–
-27/-20
-32/-32
1:1
10 Base T Low Pass
Filter 16 Pin DIP
Not shown at actual size.
APPLICATIONS
l IEEE 802.3 and IEEE 802.5 Compatible.
l Designed to meet IEEE AMD AM79C98, AT&T T7220 & NS DP83922 chip
sets requirements.
l Integrated filter and isolation transformers in single 16 pin dip package.
l Low insertion loss characteristics.
Electrical Specifications @ 25°C
Operating Temperature: 0°C to +70°C
Cut-Off Frequency: 17 MHz ± 1.5 MHz
Isolation Voltage: 1500 Vrms
PHYSICAL DIMENSIONS


Similar Part No. - 10BTLPF16PDIP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
10BT-5 ETC1-10BT-5 Datasheet
784Kb / 44P
THERMOPILE TYPE INFRARED SENSOR
10BT-6 ETC1-10BT-6 Datasheet
784Kb / 44P
THERMOPILE TYPE INFRARED SENSOR
logo
Central Technologies
10BT16PDIP CT-10BT16PDIP Datasheet
249Kb / 2P
LAN Components
More results

Similar Description - 10BTLPF16PDIP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HFX6015 ETC1-HFX6015 Datasheet
700Kb / 3P
Fiber Optic LAN Components
logo
Wurth Elektronik GmbH &...
749010012 WURTH-749010012 Datasheet
169Kb / 3P
LAN-Transformer WE-LAN
logo
Central Technologies
10-100B16PDIP CT-10-100B16PDIP Datasheet
185Kb / 2P
LAN Components
10-100BPCMCIA CT-10-100BPCMCIA Datasheet
188Kb / 2P
LAN Components
10BT16PDIP CT-10BT16PDIP Datasheet
249Kb / 2P
LAN Components
1000B24PSMD CT-1000B24PSMD Datasheet
302Kb / 2P
LAN Components
logo
Wurth Elektronik GmbH &...
7490100110A WURTH-7490100110A Datasheet
260Kb / 3P
LAN-Transformer WE-LAN
7490100111A WURTH-7490100111A Datasheet
503Kb / 4P
LAN-Transformer WE-LAN
749020100A WURTH-749020100A Datasheet
221Kb / 3P
LAN-Transformer WE-LAN
7490220120 WURTH-7490220120_V01 Datasheet
209Kb / 3P
LAN-Transformer WE-LAN
2018-09-10
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com