Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTCSF Datasheet(PDF) 1 Page - Central Technologies

Part # CTCSF
Description  Current Sense Transformers and Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTCSF Datasheet(HTML) 1 Page - Central Technologies

  CTCSF Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2009 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
REV 12.30.09
Current Sense Transformers and Inductors www.ctparts.com
CTCSF
Series
SPECIFICATIONS
Secondary
Primary
Primary
Secondary
Inductance
RS
RT
Unipolar
Bipolar
Part
Schematic
Turns
Inductance
Test Voltage
W
W
Amp µ sec
Amp µ sec
Operating
Number
Figure
NS
mH (Min.)
(15.75KHz)
(Max.)
(Nom.)
Rating (Max.)
Rating (Max.)
Figure
Temp.
CTCSF-51686
A
50
5.0
0.5
0.7
50
150
300
2
0°C to +70°C
CTCSF-51687
A
100
20.0
1.0
1.40
100
300
600
2
0°C to +70°C
CTCSF-51688
A
200
80.0
2.0
4.50
200
600
1200
2
-40°C to +85°C
CTCSF-51717
B
50CT
5.0
0.5
0.7
50
150
300
2
-40°C to +85°C
CTCSF-51718
B
100CT
20.0
1.0
1.40
100
300
600
2
0°C to +70°C
CTCSF-51719
B
200CT
80.0
2.0
4.50
200
600
1200
2
-40°C to +85°C
CTCSF-64487
C
100
20.0
1.0
1.40
100
300
600
1
-40°C to +85°C
CTCSF-64488
C
200
80.0
2.0
4.50
200
600
1200
1
-40°C to +85°C
CTCSF-64517
D
50CT
5.0
0.5
0.7
50
150
300
1
-40°C to +85°C
CTCSF-64518
D
100CT
20.0
1.0
1.40
100
300
600
1
-40°C to +85°C
CTCSF-64519
D
200CT
80.0
2.0
4.50
200
600
1200
1
-40°C to +85°C
CTCSF-63586
E
50
5.0
0.5
0.7
50
150
300
1
0°C to +70°C
CTCSF-63587
E
100
20.0
1.0
1.40
100
300
600
1
-40°C to +85°C
CTCSF-63588
E
200
80.0
2.0
4.50
200
600
1200
1
-40°C to +85°C
CTCSF-63618
F
100CT
20.0
1.0
1.40
100
300
600
1
-40°C to +85°C
CTCSF-63619
F
200CT
80.0
2.0
4.50
200
600
1200
1
-40°C to +85°C
CTCSF-63691
F
300CT
180.0
3.0
11.0
300
900
1800
1
-40°C to +85°C
Not Shown at Actual Size
CHARACTERISTICS
FEATuRES
PHySICAl DImENSIONS
Description: Through-hole current sense transformers and inductors.
Packaging: Bulk
Miscellaneous: RoHS Compliant.
Additional Information: Additional electrical & physical
information available upon request.
Samples available. See website for ordering information.
Designed for switching power supply applications.
•
Transformer meets IEC950 insulation requirements.
•
Frequency range from 20KHz to 200KHz
•
Electrical specifications at 25°C
•
1
.700
17.78
Max.
1
1
1
2
3
3
2
1
2
3
4
5
3
4
5
6
7
6
7
2
1
2
3
5
3
5
E
F
C
D
A
B
.720
17.78
Max.
.800
20.32
.670
17.02
Max.
.500
12.70
.500/.700
12.70/17.78
.170
4.32
Min.
.015
0.38
Min.
Max./Min.
.390
9.91
Max.
.010
0.25
Min.
.250
6.35
.500
12.70
.030
0.76
.002
.051
.500
12.70
Min.
.700
17.78
.700
17.78
.900
22.86
Max.
2X
±
(Leads: 3,5)
.030
0.76
.002
0.05
±
Solderable Pin
.051
1.30
.003
.076
4X
±
(Leads: 1,2,6,7)
Figure 1
Notes:
1.Unless otherwise specified, all tolerances are ±.005/±0.13
Figure 2
Schematic
Unit: inches/mm


Similar Part No. - CTCSF

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
CTCS MSYSTEM-CTCS Datasheet
189Kb / 6P
Plug-in Signal Conditioners M-UNIT
logo
Central Technologies
CTCSC CT-CTCSC Datasheet
440Kb / 5P
Metal Alloy Current Sensors
CTCSC1206 CT-CTCSC1206 Datasheet
440Kb / 5P
Metal Alloy Current Sensors
CTCSC2010 CT-CTCSC2010 Datasheet
440Kb / 5P
Metal Alloy Current Sensors
CTCSC2512 CT-CTCSC2512 Datasheet
440Kb / 5P
Metal Alloy Current Sensors
More results

Similar Description - CTCSF

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PE-63586 PULSE-PE-63586 Datasheet
67Kb / 1P
THE CURRENT SENSE TRANSFORMERS & INDUCTORS
logo
TALEMA Group. LLC
AS-100 TALEMA-AS-100 Datasheet
58Kb / 2P
Current Sense Inductors & Transformers
logo
Pulse A Technitrol Comp...
PE-64487NL PULSE-PE-64487NL Datasheet
72Kb / 1P
THT CURRENT SENSE TRANSFORMERS & INDUCTORS
PE-51687NL PULSE-PE-51687NL Datasheet
72Kb / 1P
THT CURRENT SENSE TRANSFORMERS & INDUCTORS
PE-51719NL PULSE-PE-51719NL Datasheet
72Kb / 1P
THT CURRENT SENSE TRANSFORMERS INDUCTORS
PE-63587NL PULSE-PE-63587NL Datasheet
72Kb / 1P
THT CURRENT SENSE TRANSFORMERS INDUCTORS
PE-51686NL PULSE-PE-51686NL Datasheet
86Kb / 1P
THT CURRENT SENSE TRANSFORMERS INDUCTORS
PE-51688NL PULSE-PE-51688NL Datasheet
78Kb / 2P
THT CURRENT SENSE TRANSFORMERS INDUCTORS
logo
TRIAD MAGNETICS
CST306-3A TRIAD-CST306-3A Datasheet
85Kb / 1P
Current Sense Transformers
logo
Coilcraft lnc.
CS4050V-01L COILCRAFT-CS4050V-01L_15 Datasheet
255Kb / 1P
Current Sense Transformers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com