Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTPC3010F Datasheet(PDF) 1 Page - Central Technologies

Part # CTPC3010F
Description  Power Inductors - Shielded
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTPC3010F Datasheet(HTML) 1 Page - Central Technologies

  CTPC3010F Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2010 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
REV 05.11.10
Power Inductors - Shielded
www.ctparts.com
CTPC3010F
Series
From 1.0 µH to 22 µH
SPECIFICATIONS
Part numbers indicate available inductance tolerance:
M = ±20%, N = ±30%
L Test
DCR
Part
Inductance
Freq.
(mΩ)
IDC1
IDC2
Number
Marking
(µH)
(KHz)
±20%
(A)
(A)
CTPC3010F-1R0N
A
1.0
100
64
1.50
1.70
CTPC3010F-1R2N
B
1.2
100
72
1.30
1.60
CTPC3010F-1R5N
C
1.5
100
86
1.10
1.45
CTPC3010F-2R2N
E
2.2
100
120
0.95
1.25
CTPC3010F-3R3N
G
3.3
100
170
0.80
1.00
CTPC3010F-3R9N
H
3.9
100
200
0.70
0.90
CTPC3010F-4R7M
I
4.7
100
250
0.65
0.85
CTPC3010F-5R6M
J
5.6
100
300
0.60
0.78
CTPC3010F-6R8M
K
6.8
100
350
0.55
0.70
CTPC3010F-8R2M
L
8.2
100
400
0.50
0.65
CTPC3010F-100M
M
10.0
100
490
0.45
0.60
CTPC3010F-150M
O
15.0
100
680
0.38
0.50
CTPC3010F-220M
Q
22.0
100
1000
0.33
0.40
Not Shown at Actual Size
CHARACTERISTICS
PHYSICAL DIMENSIONS
PAD LAYOUT
Description: SMD Shielded Power Inductor
Applications: Mainly used as a power source inductor for mobile
phones, HDDs, LCD panels and DSCs.
Operating Temperature: -40°C to +105°C (includes self temp.
rise)
IDC1: Based on inductance change (DL/L0: < 30%) at ambient
temp. 25°C
IDC2: Based on temperature rise (DT: 40°C Typ.)
Rated Current: IDC1 or IDC2, whichever value is lower.
Resistance to Solder Heat: 260°C 10 secs.
Inductance Tolerance: ±20%, ±30%
Testing: Inductance is tested on an HP4284A at 100KHz, 0.1V
Packaging: Tape & Reel
Marking: Parts are marked with letter identifier.
Miscellaneous: RoHS Compliant.
Additional Information: Additional electrical & physical
information available upon request.
Samples available. See website for ordering information.
A
E
D
E
G
Powder Coating
E
Marking
1.4
3.4
0.6
3.2
OR
A
B
C
D
E
F
G
Max.
Typ.
Typ.
Typ.
Typ.
3.0±0.2
2.9±0.2
1.0
1.5
0.76
1.2
0.7
0.12±0.008
0.11 ± 0.008
0.04
0.06
0.03
0.05
0.03
Size
mm
inches
Unit: mm


Similar Part No. - CTPC3010F

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTPC4012F CT-CTPC4012F Datasheet
325Kb / 1P
From 1.0 關H to 47 關H
CTPC4012F-100M CT-CTPC4012F-100M Datasheet
325Kb / 1P
From 1.0 關H to 47 關H
CTPC4012F-150M CT-CTPC4012F-150M Datasheet
325Kb / 1P
From 1.0 關H to 47 關H
CTPC4012F-1R0N CT-CTPC4012F-1R0N Datasheet
325Kb / 1P
From 1.0 關H to 47 關H
CTPC4012F-1R5N CT-CTPC4012F-1R5N Datasheet
325Kb / 1P
From 1.0 關H to 47 關H
More results

Similar Description - CTPC3010F

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
Power Inductors - Shielded
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
Power Inductors - Shielded
CTCDRH8D28F CT-CTCDRH8D28F Datasheet
170Kb / 1P
Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
Power Inductors - Shielded
CTCDRH125 CT-CTCDRH125 Datasheet
497Kb / 1P
Power Inductors - Shielded
CTGSR105B CT-CTGSR105B Datasheet
157Kb / 1P
Power Inductors - Shielded
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com