Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTSD10F Datasheet(PDF) 1 Page - Central Technologies

Part # CTSD10F
Description  Power Inductors - Shielded
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTSD10F Datasheet(HTML) 1 Page - Central Technologies

  CTSD10F Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Inductors - Shielded
ctparts.com
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2014 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
TECHNOLOGIES
03.07.14
SPECIFICATIONS
Parts are available in ±20% tolerance only.
*The IDC is that which causes a 30% inductance reduction from the initial value.
L Test
DCR
Part
Inductance
Freq.
Typ.
IDC*
Number
(µH ±20%)
(kHz)
(
Ω
Ω)
(A)
CTSD10F-R68M
0.68
100
0.0394
3.03
CTSD10F-1R0M
1.00
100
0.0560
2.25
CTSD10F-1R5M
1.50
100
0.0816
1.91
CTSD10F-2R2M
2.20
100
0.1140
1.65
CTSD10F-3R3M
3.30
100
0.1348
1.31
CTSD10F-4R7M
4.70
100
0.1919
1.08
CTSD10F-6R2M
6.20
100
0.2338
0.92
CTSD10F-8R2M
8.20
100
0.3259
0.80
CTSD10F-100M
10.0
100
0.3610
0.752
CTSD10F-150M
15.0
100
0.5536
0.605
CTSD10F-220M
22.0
100
0.8398
0.505
CTSD10F-330M
33.0
100
1.2259
0.420
CTSD10F-470M
47.0
100
1.8375
0.349
CTSD10F-680M
68.0
100
2.300
0.285
CTSD10F-820M
82.0
100
3.125
0.261
CTSD10F-101M
100
100
4.112
0.236
CTSD10F-151M
150
100
5.188
0.195
CTSD10F-221M
220
100
8.013
0.160
CTSD10F-331M
330
100
12.288
0.131
CTSD10F-471M
470
100
15.125
0.110
CTSD10F Series
From 0.68 µH to 470 µH
Not shown at actual size.
CHARACTERISTICS
Description: SMD (shielded) power inductor
Applications: Digital cameras, CD players, cellular phones,
PDAs, PCMCIA cards, GPS systems, etc.
Operating Temperature: -40°C to +85°C
Storage Temperature: -40°C to +125°C
Inductance Tolerance: ±20%
Testing: Tested on a HP4285A at 100 KHz
Packaging: Tape & Reel
Marking: Parts are marked with inductance code
Miscellaneous: RoHS Compliant.
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
A
B
Inductance
Code
XXX
C
D
Size
A
B
C
D
Max.
Max.
Max.
Typ.
mm
5.2
5.2
1.0
1.5
inches
0.205
0.205
0.039
0.059
PHYSICAL DIMENSIONS
RoHS
Compliant


Similar Part No. - CTSD10F

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTSD14F CT-CTSD14F Datasheet
475Kb / 1P
Power Inductors - Shielded
CTSD14F-100M CT-CTSD14F-100M Datasheet
475Kb / 1P
Power Inductors - Shielded
CTSD14F-101M CT-CTSD14F-101M Datasheet
475Kb / 1P
Power Inductors - Shielded
CTSD14F-102M CT-CTSD14F-102M Datasheet
475Kb / 1P
Power Inductors - Shielded
CTSD14F-150M CT-CTSD14F-150M Datasheet
475Kb / 1P
Power Inductors - Shielded
More results

Similar Description - CTSD10F

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
Power Inductors - Shielded
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
Power Inductors - Shielded
CTCDRH8D28F CT-CTCDRH8D28F Datasheet
170Kb / 1P
Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
Power Inductors - Shielded
CTCDRH125 CT-CTCDRH125 Datasheet
497Kb / 1P
Power Inductors - Shielded
CTGSR105B CT-CTGSR105B Datasheet
157Kb / 1P
Power Inductors - Shielded
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com