Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTT Datasheet(PDF) 1 Page - Central Technologies

Part # CTT
Description  Ferrite Toroidal Cores
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTT Datasheet(HTML) 1 Page - Central Technologies

  CTT Datasheet HTML 1Page - Central Technologies CTT Datasheet HTML 2Page - Central Technologies CTT Datasheet HTML 3Page - Central Technologies CTT Datasheet HTML 4Page - Central Technologies CTT Datasheet HTML 5Page - Central Technologies CTT Datasheet HTML 6Page - Central Technologies CTT Datasheet HTML 7Page - Central Technologies CTT Datasheet HTML 8Page - Central Technologies CTT Datasheet HTML 9Page - Central Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Ferrite Toroidal Cores
ctparts.com
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2013 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
04.26.13
SPECIFICATIONS
CTT Series
Not shown at actual size.
CHARACTERISTICS
ORDERING INFORMATION
Description: Ferrite Toroidal Cores
Applications: Mainly used for coupling transformers, balancing
coils, fixed coils and filter coils.
Additional Information: Other sizes are available upon request.
Samples available. See website for ordering information.
OD
HT
ID
Series
CTT
9
-X
X
-
3
5
C5B
OD
HT
ID
Material Code
Example:
CTT-3*2*1
3.00±0.15
2.00±0.20
1.00±0.15
CTT-3*2*1.2
3.00±0.15
2.00±0.20
1.20±0.15
CTT-3.5*1.25*1.8
3.50±0.15
1.25±0.20
1.80±0.15
CTT-3.5*1.54*1.5
3.50±0.15
1.54±0.20
1.50±0.15
CTT-3.5*2.5*0.8
3.50±0.15
2.50±0.20
0.80±0.15
CTT-3.5*3*0.8
3.50±0.15
3.00±0.20
0.80±0.15
CTT-3.5*3*1.2
3.50±0.15
3.00±0.20
1.20±0.15
CTT-3.5*3*1.33.50±0.15
3.00±0.20
1.30±0.15
CTT-3.5*3*1.4
3.50±0.15
3.00±0.20
1.40±0.15
CTT-3.5*3*1.5
3.50±0.15
3.00±0.20
1.50±0.15
CTT-3.5*3*1.7
3.50±0.15
3.00±0.20
1.70±0.15
CTT-3.5*3*1.8
3.50±0.15
3.00±0.20
1.80±0.15
CTT-3.5*3.25*1.33.50±0.15
3.25±0.20
1.30±0.15
CTT-3.5*3.25*1.4
3.50±0.15
3.25±0.20
1.40±0.15
CTT-3.5*3.25*1.5
3.50±0.15
3.25±0.20
1.50±0.15
CTT-3.94*2.54*2.29
3.94±0.15
2.54±0.20
2.29±0.15
CTT-4*1.5*2
4.00±0.20
1.50±0.20
2.00±0.15
CTT-4*1.7*2.2
4.00±0.20
1.70±0.20
2.20±0.15
CTT-4*2*1.5
4.00±0.20
2.00±0.20
1.50±0.15
CTT-4*2*2
4.00±0.20
2.00±0.20
2.00±0.15
CTT-4*3*1.5
4.00±0.20
3.00±0.20
1.50±0.15
CTT-4*3*2
4.00±0.20
3.00±0.20
2.00±0.15
CTT-4.1*4*1.6
4.10±0.20
4.00±0.30
1.60±0.15
CTT-4.3*2.5*2.8
4.30±0.20
2.50±0.20
2.80±0.15
CTT-4.4*1.4*2.8
4.40±0.20
1.40±0.20
2.80±0.15
CTT-4.5*3.2*2.5
4.50±0.20
3.20±0.20
2.50±0.15
PHYSICAL DIMENSIONS
CENTRAL
TECHNOLOGIES
RoHS
Compliant
Unit: mm
Material
Code
Initial
Permeability
(µ i ±25%)
Temperature
factor of initial
permeability
αα µ ir (x10-6°C)
Specific
Gravity
g/cm3
Curie
Temperature Tc
(°C)
Loss Factor
@Frequency
x10-6 (MHz)
Resistivity
Ω
Ω-m
C8B
55
5 to 15
5.0
>300
400 (20)
1*106
C3
100
55 to 130
5.0
>300
160 (20)
>106
C1C
250
3 to 10
5.0
>200
110 (2.0)
1*106
C17
300
0 to 7
5.0
>300
90 (5.0)
>106
C2A
350
15 to 40
4.7
>150
60 (2.0)
1*106
C5B
700
0 to 7
4.8
>140
250 (1.0)
1*106
C6
1800
0 to 3
4.7
>100
75 (0.5)
1*106
ORDERING CODE
OD
HT
ID
Example:


Similar Part No. - CTT

ManufacturerPart #DatasheetDescription
logo
Premier Farnell Limited...
CTT-8425-01 DURATOOL-CTT-8425-01 Datasheet
415Kb / 1P
Non-Insulated Terminal Crimp tool
15/06/12 V1.0
CTT-8440-01 DURATOOL-CTT-8440-01 Datasheet
325Kb / 1P
Insulated Terminal Crimp Tool
17/08/12 V1.0
logo
CT Micro International ...
CTT0213 CTMICRO-CTT0213 Datasheet
1Mb / 12P
600V Zero Cross High Power Photo TRIAC
CTT0223 CTMICRO-CTT0223 Datasheet
1Mb / 12P
600V Random Phase High Power Photo TRIAC
logo
List of Unclassifed Man...
CTT116 ETC1-CTT116 Datasheet
321Kb / 4P
Thyristor-Thyristor Modules
More results

Similar Description - CTT

ManufacturerPart #DatasheetDescription
logo
YUXIANG Magnetc materia...
EE85A YUXIANG-EE85A Datasheet
105Kb / 2P
Large Size Ferrite Cores
logo
NEC
EB16-P1206-F NEC-EB16-P1206-F Datasheet
6Mb / 71P
Ferrite Cores
logo
Wurth Elektronik GmbH &...
7427010 WURTH-7427010 Datasheet
408Kb / 4P
WE-TOF EMI Suppression Toroidal Ferrite
7427013 WURTH-7427013 Datasheet
439Kb / 4P
WE-TOF EMI Suppression Toroidal Ferrite
74270120 WURTH-74270120 Datasheet
417Kb / 4P
WE-TOF EMI Suppression Toroidal Ferrite
74270151 WURTH-74270151 Datasheet
432Kb / 4P
WE-TOF EMI Suppression Toroidal Ferrite
74270181 WURTH-74270181 Datasheet
429Kb / 4P
WE-TOF EMI Suppression Toroidal Ferrite
74270191 WURTH-74270191 Datasheet
426Kb / 4P
WE-TOF EMI Suppression Toroidal Ferrite
logo
Kemet Corporation
ESD-R KEMET-ESD-R Datasheet
1Mb / 10P
Toroidal Cores
logo
Laird Tech Smart Techno...
28R2170-100 LSTD-28R2170-100 Datasheet
1Mb / 38P
Ferrite EMI Cable Cores
2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com