Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABL7M2 Datasheet(PDF) 2 Page - Abracon Corporation

Part # ABL7M2
Description  THRU-HOLE MICROPROCESSOR CRYSTAL
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ABL7M2 Datasheet(HTML) 2 Page - Abracon Corporation

  ABL7M2 Datasheet HTML 1Page - Abracon Corporation ABL7M2 Datasheet HTML 2Page - Abracon Corporation ABL7M2 Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
THRU-HOLE MICROPROCESSOR CRYSTAL
Pb RoHS / RoHS II Compliant
6.6 x 4.0 x 1.4mm
PART IDENTIFICATIONS:
ABL7M2
ABL7M2 -
MHz - -
-
Frequency in MHz
Please specify the frequency
in MHz. e.g.
12.000MHz
14.31818MHz
Load Capacitance
(pF)
Please specify CL
(Minimum 8pF) in pF
or S for series
Freq. Stability
(See Table 1 for details)
Blank: ± 50 ppm
U: ± 10 ppm
G: ± 15 ppm
X: ± 20 ppm
W: ± 25 ppm
Y: ± 30 ppm
H: ± 35 ppm
Q: ± 100 ppm
Freq. Tolerance
Blank: ± 50 ppm
1: ± 10 ppm
7: ± 15 ppm
2: ± 20 ppm
3: ± 25 ppm
4: ± 30 ppm
Custom ESR if other
than standard
R□
□: Specify a value in Ω
(e.g.: R40)
Operating Temp.
Blank: 0°C ~ +70°C
A: -10°C ~ +60°C
B: -20°C ~ +70°C
C: -30°C ~ +70°C
N: -30°C ~ +85°C
D: -40°C ~ +85°C
J: -40°C ~ +105°C
K: -40°C ~ +125°C
Table 1 Available Combinations of Operating Temp. and Freq. Stability
Operating Temp.
Freq. Stability
U:±10ppm G:±15ppm
X:±20ppm W:±25ppm
Y:±30ppm
H:±35ppm Std.:±50ppm Q:±100ppm
A: -10°C ~ +60°C
√
√
√
√
√
√
√
√
Std.: 0°C ~ +70°C
√
√
√
√
√
√
√
√
B: -20°C ~ +70°C
√
√
√
√
√
√
√
C: -30°C ~ +70°C
√
√
√
√
√
√
N: -30°C ~ +85°C
√
√
√
√
D: -40°C ~ +85°C
√
√
√
√
J: -40°C ~ +105°C
√
√
K: -40°C ~ +125°C
√
Note: Please contact Abracon for other frequency stability and operating temperature range options.
(Left blank if standard)
2 Faraday, Suite# B
| Irvine | CA 92618 Revised: 01.06.15
Ph. 949.546.8000
| Fax. 949.546.8001
Visit www.abracon.com for Terms and Conditions of Sale



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com