Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABMM2 Datasheet(PDF) 2 Page - Abracon Corporation

Part # ABMM2
Description  CERAMIC SURFACE MOUNT LOW PROFILE QUARTZ CRYSTALS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ABMM2 Datasheet(HTML) 2 Page - Abracon Corporation

  ABMM2_15 Datasheet HTML 1Page - Abracon Corporation ABMM2_15 Datasheet HTML 2Page - Abracon Corporation ABMM2_15 Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
||||||| | | | | | | | |
ABMM2
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001| www.abracon.com
Revised: 01.18.13
Visit www.abracon.com for Terms & Conditions of Sale
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
CERAMIC SURFACE MOUNT
LOW PROFILE QUARTZ CRYSTALS
6.0 x 3.6 x 1.2 mm
OPTIONS & PART IDENTIFICATION:
(Left blank if standard)
ABMM2 -
MHz - -
- -
-
Frequency in MHz
Please specify the
frequency in MHz.
e.g. 16.000MHz
Packaging
Blank: Bulk
T: 1000pcs / reel
T2: 250pcs / reel
Load Capacitance (pF)
Please specify CL in pF
(8 to 33pF) or S for series
Please contact Abracon
for other values
Freq. Stability
Blank: Standard
F; fund. AT for
F>30MHz
Custom ESR if
other than standard
R□
□: Specify a value in
Ω (e.g.: R40)
Freq. Tolerance
1: ± 10 ppm
7: ± 15 ppm
Frequen cy Stability (ppm)
Operating Temp.
±10
±20
±30
±50
±100
0°C ~ +50° C
A3
A4
A6
-----
-----
-10°C ~ +50°C
B3
B4
B6
-----
-----
-10°C ~ +60°C
C1
Std
C6
-----
-----
-20°C ~ +70°C
E1
E2
E6
-----
-----
-40°C ~ +85°C
-----
D1
D6
D5
-----
-40°C ~ +1 05°C
-----
-----
-----
J5
J10
-40°C ~ +1 25°C
-----
-----
-----
K5
K10
Pb RoHS/RoHS II Compliant



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com