Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABMM-26.000MHZ-E-R17234 Datasheet(PDF) 1 Page - Abracon Corporation

Part # ABMM-26.000MHZ-E-R17234
Description  CERAMIC SURFACE MOUNT M ICROPROCESSOR CRYSTAL
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ABMM-26.000MHZ-E-R17234 Datasheet(HTML) 1 Page - Abracon Corporation

  ABMM-26.000MHZ-E-R17234 Datasheet HTML 1Page - Abracon Corporation ABMM-26.000MHZ-E-R17234 Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
|||||||||| | | | | |
ABMM
APPLICATIONS:
FEATURES:
7.0 x 5.0 x 1.3 mm
Pb RoHS
Compliant
STANDARD SPECIFICATIONS:
• Suitable for RoHS reflow
• Low height 1.3 mm max
• AT-strip cut offers a tight tolerance & stability
• Computers, Modems, Microprocessors
• Communication, Test equipment
• PCMCIA
OPTIONS & PART IDENTIFICATION:
(Left blank if standard)
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001| www.abracon.com
Revised: 02.26.12
Visit www.abracon.com for Terms & Conditions of Sale
Frequency Tolerance at +25°C
Frequency Stability over the
Operating Temp. (Ref to +25°C)
PARAMETERS
6.0 MHz to 125 MHz
± 50 ppm max. (see options)
Frequency Range
ABRACON P/N
ABMM
Operation Mode
Operating Temperature
Storage Temperature
- 40°C to + 85°C
- 10°C to + 60°C (see options)
Equivalent Series Resistance
Shunt Capacitance C0
Load Capacitance CL
Drive Level
Aging at 25°C (first year)
Insulation Resistance
See Table 1
18pF (see options)
500µW
100µW typical
max.,
500MΩ min at 100Vdc ± 15V
7pF max.
± 5ppm max.
CERAMIC SURFACE MOUNT MICROPROCESSOR CRYSTAL
6.0 MHz ~ 33.0 MHz (Fundamental: Standard)
33.01 MHz - 125 MHz (Third-Overtone: Standard)
33.01 MHz ~ 50.0 MHz (Fundamental: Please spedcify. See options)
± 50 ppm max. (see options)
ESR (Ω) Max
0
4
0
7
0
8
0
5
TABLE 1: STANDARD ESR
20.000 - 50.000(Fund)
33.000 - 125.00(3rd O/T)
Frequency (MHz)
Frequency (MHz)
6.000 - 11.999(Fund)
12.000 - 20.000(Fund)
AT-cut
ABMM –
MHz - - R
- - - - -
Pac kaging
Blan k: Bulk
T: Tape & Ree l (1k)
T2: Ta pe & Ree l (250)
Frequency in MHz
e.g. 6.000MHz
14.31818MHz
26.000MHz
ESR if other than S TD
Spe cify a va lue in Ω
Load Capac itance
P lea se spe cify CL (8 to
33 pF) in pF or S for S erie s
P lea se conta ct ABRACON for othe r
value s
Mode
F: Fund.AT for >33 MHz
Freq. Stability
U: ± 10 ppm (*)
G: ± 15 ppm (**)
X: ± 20 ppm
W: ± 25 ppm
Y: ± 30 ppm
H: ± 35 ppm
Operating Temp.
E: 0°C ~ +70°C
B: -20°C ~ +70°C
C: -30°C ~ +70°C
N: -30°C ~ +85°C
D: -40°C ~ +85°C
Fre q. Tolerance
1: ± 10 ppm
7: ± 15 ppm
2: ± 20 ppm
3: ± 25 ppm
4: ± 30 ppm
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
* -10 to +60
°C only.
** Option E, B, and10 to +60
°C only.
ESR (Ω) Max


Similar Part No. - ABMM-26.000MHZ-E-R17234

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABMM-26000MHZ-B-U-F-T ABRACON-ABMM-26000MHZ-B-U-F-T Datasheet
1Mb / 2P
CERAMIC SURFACE MOUNT M ICROPROCESSOR C RYSTAL
02.26.12
ABMM-26000MHZ-B1-G-F-T ABRACON-ABMM-26000MHZ-B1-G-F-T Datasheet
1Mb / 2P
CERAMIC SURFACE MOUNT M ICROPROCESSOR C RYSTAL
02.26.12
ABMM-26000MHZ-B1-U-F-T ABRACON-ABMM-26000MHZ-B1-U-F-T Datasheet
1Mb / 2P
CERAMIC SURFACE MOUNT M ICROPROCESSOR C RYSTAL
02.26.12
ABMM-26000MHZ-B2-G-F-T ABRACON-ABMM-26000MHZ-B2-G-F-T Datasheet
1Mb / 2P
CERAMIC SURFACE MOUNT M ICROPROCESSOR C RYSTAL
02.26.12
ABMM-26000MHZ-B2-U-F-T ABRACON-ABMM-26000MHZ-B2-U-F-T Datasheet
1Mb / 2P
CERAMIC SURFACE MOUNT M ICROPROCESSOR C RYSTAL
02.26.12
More results

Similar Description - ABMM-26.000MHZ-E-R17234

ManufacturerPart #DatasheetDescription
logo
Ecliptek Corporation
ECCM62 ECLIPTEK-ECCM62 Datasheet
458Kb / 2P
CERAMIC SURFACE MOUNT CRYSTAL
ECCM61 ECLIPTEK-ECCM61 Datasheet
441Kb / 2P
CERAMIC SURFACE MOUNT CRYSTAL
logo
Vanlong Technology Co.,...
SM6 VANLONG-SM6 Datasheet
37Kb / 1P
Ceramic Surface Mount Crystal
SM6B VANLONG-SM6B Datasheet
37Kb / 1P
Ceramic Surface Mount Crystal
SM7 VANLONG-SM7 Datasheet
47Kb / 1P
Ceramic Surface Mount Crystal
logo
Abracon Corporation
ABMM-25.000MHZ-B2-T ABRACON-ABMM-25.000MHZ-B2-T Datasheet
1Mb / 2P
CERAMIC SURFACE MOUNT M ICROPROCESSOR C RYSTAL
02.26.12
logo
Vanlong Technology Co.,...
SM5 VANLONG-SM5_13 Datasheet
44Kb / 1P
Ceramic Surface Mount Crystal
SM5B VANLONG-SM5B_13 Datasheet
41Kb / 1P
Ceramic Surface Mount Crystal
SM6 VANLONG-SM6_13 Datasheet
45Kb / 1P
Ceramic Surface Mount Crystal
logo
Abracon Corporation
ABMM-8000MHZ-B2-T ABRACON-ABMM-8000MHZ-B2-T Datasheet
1Mb / 2P
CERAMIC SURFACE MOUNT M ICROPROCESSOR C RYSTAL
02.26.12
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com