Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABM9-R40-E-C1G Datasheet(PDF) 1 Page - Abracon Corporation

Part # ABM9-R40-E-C1G
Description  MINIATURE CERAMIC SMD CRYSTAL
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ABM9-R40-E-C1G Datasheet(HTML) 1 Page - Abracon Corporation

  ABM9-R40-E-C1G Datasheet HTML 1Page - Abracon Corporation ABM9-R40-E-C1G Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
||||||||||| | | | |
ABM9
APPLICATIONS:
FEATURES:
4.0 x 2.5 x 0.8mm
Pb RoHS
Compliant
MINIATURE CERAMIC SMD CRYSTAL
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001: 2008
CERTIFIED
STANDARD SPECIFICATIONS:
OPTIONS & PART IDENTIFICATION:
(Left blank if standard)
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000| fax 949-546-8001| www.abracon.com
Revised: 04.07.11
Visit www.abracon.com for Terms & Conditions of Sale
TABLE 1- Standard ESR
Frequency (MHz)
ESR(Ω) max
12.000 -23.999
80
24.000 -32.000
60
Parameters
Minimum
Typical
Maximum
Units
Notes
Frequency Range
12.000
-----
32.000*
MHz
*Contact Abracon for
availability of F>32MHz
-
-
-
-
-
T
A
,l
a
t
n
e
m
a
d
n
u
F
e
d
o
M
n
o
it
a
r
e
p
O
Operating Temperature
-10
-----
+60
ºC
See options
Storage Temperature
-40
-----
+105
ºC
Frequency Tolerance @+25°C
-50
-----
+50
ppm
See options
Frequency Stability over the Operating
Temperature ( ref. to +25°C)
-50
-----
+50
ppm
See options
Equivalent series resistance (R1)
See table 1 below
Ω
Shunt capacitance (C0)
-----
-----
7.0
pF
Load capacitance (CL)
-----
18.0
-----
pF
See options
Drive Level
-----
10
100
µW
Aging
-5
-----
+5
ppm
@25°C±3°C, First year
Insulation Resistance
500
-----
-----
MΩ
@ 100Vdc ± 15V
• Low in height; suitable for thin equipment.
• Available +/-10ppm stability -10 ~ +60ºC
• Tight tolerance and stability available.
• Suitable for RoHS compliant reflow
• High density applications.
• Modems, communication and test equipment.
• PMCIA, Wireless applications
ABM9 -
MHz - -
-
-
Frequency in MHz
Please specify the
frequency in MHz.
e.g. 16.000MHz
Packaging
Blank: Bulk
T: Tape & Reel
Load Capacitance (pF)
Please specify CL in pF or
S for series
Freq. Stability
U: ± 10 ppm(*)
G: ± 15 ppm
X: ± 20 ppm
W: ± 25 ppm
Y: ± 30 ppm
H: ± 35 ppm
Z: ± 100 ppm (#)
Custom ESR if
other than standard
R□
□: Specify a value in
Ω (e.g.: R40)
Operating Temp.
E: 0°C ~ +70°C
B: -20°C ~ +70°C
C: -30°C ~ +70°C
N: -30°C ~ +85°C
D: -40°C ~ +85°C
Freq. Tolerance
1: ± 10 ppm
7: ± 15 ppm
2: ± 20 ppm
3: ± 25 ppm
4: ± 30 ppm
(*) -10°C to +60°C only.
(#) for extended temperatures
Contact ABRACON for tighter
freq. stability.


Similar Part No. - ABM9-R40-E-C1G

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABM9-16000MHZ-10-D-1-U-T ABRACON-ABM9-16000MHZ-10-D-1-U-T Datasheet
1Mb / 2P
MINIATURE CERAMIC SMD CRYSTAL
More results

Similar Description - ABM9-R40-E-C1G

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABM9 ABRACON-ABM9 Datasheet
348Kb / 2P
MINIATURE CERAMIC SMD CRYSTAL
07.31.07
logo
Fox Electronics
24000FM FOX-24000FM Datasheet
84Kb / 1P
ULTRA MINIATURE CERAMIC SMD CRYSTAL
logo
Abracon Corporation
ABM3 ABRACON-ABM3_08 Datasheet
837Kb / 2P
MINIATURE CERAMIC SMD CRYSTAL
03.06.08
ABM3 ABRACON-ABM3_10 Datasheet
1Mb / 2P
MINIATURE CERAMIC SMD CRYSTAL
12.28.10
ABM8-20000MHZ-B2-T ABRACON-ABM8-20000MHZ-B2-T Datasheet
1Mb / 2P
ULTRA MINIATURE CERAMIC SMD CRYSTAL
03.07.12
ABM3 ABRACON-ABM3_15 Datasheet
1Mb / 3P
MINIATURE CERAMIC SMD CRYSTAL
09.23.13
ABM8 ABRACON-ABM8_15 Datasheet
1Mb / 2P
ULTRA MINIATURE CERAMIC SMD CRYSTAL
08.19.15
ABM8-166 ABRACON-ABM8-166 Datasheet
1Mb / 3P
ULTRA MINIATURE CERAMIC SMD CRYSTAL
08.26.14
ABM9-16000MHZ-10-D-1-U-T ABRACON-ABM9-16000MHZ-10-D-1-U-T Datasheet
1Mb / 2P
MINIATURE CERAMIC SMD CRYSTAL
ABM13 ABRACON-ABM13 Datasheet
6Mb / 3P
ULTRA MINIATURE CERAMIC SMD CRYSTAL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com