Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACOS Datasheet(PDF) 1 Page - Abracon Corporation

Part # ACOS
Description  CRYSTAL CLOCK OSCILLATORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ACOS Datasheet(HTML) 1 Page - Abracon Corporation

  ACOS_15 Datasheet HTML 1Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ACOS - Frequency - Temperature - Overall Frequency Stability - Value Added - Packaging
-R for ± 25ppm max
-K for ± 30ppm max
-H for ± 35ppm max
-C for ± 50ppm max
-D for -10∞Cto + 60∞C
-E for -20∞Cto + 70∞C
-F for -30∞Cto + 70∞C
-N for -30∞Cto + 85∞C
-L for -40∞Cto + 85∞C
XX.XXXXMhz
-G
Gull Wing
-QXX (Trimmed Leads)
-TY for Tray packing
| | | | | | | | | | | | | | |
20 x12.6 x 5.08 mm
Pb RoHS
Compliant
30332Esperanza, Rancho Santa Margarita, California
92688
tel 949-546-8000| fax 949-546-8001| www.abracon.com
Revised: 10.23.10
Visit
www.abracon.com for Terms & Conditions of Sale
ACOS
5Vdc • SINE OUTPUT, FULL-SIZE DIP
CRYSTAL CLOCK OSCILLATORS
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
OPTIONS & PART IDENTIFICATION:
FEATUERS:
• Sine wave output.
• Wide Frequency Range.
• Low harmonic distortion.
APPLICATIONS:
• Provide clock signals for microprocessors and digital circuits.
• High Output drive capability applications.
• Great for low EMI applications.
PARAMETERS
Frequency Range
8MHz - 40MHz
Operating Temperature
0°C to +70°C (see options)
Storage Temperature
-55°C to +125°C
Frequency Stability
±100ppm max. (See Options)
Supply Voltage
5.0Vdc ±10%
Output load
50W
Output power
0dBm min.
Harmonics
-25dBc min.
Aging
±5ppm/yr. max.
STANDARD SPECIFICATIONS:
OUTLINE DIMENSIONS:
ATTENTION: Abracon Corporation’s products are COTS – Commercial-Off-The-Shelf products; suitable for Commercial, Industrial and, where designated,
Automotive Applications. Abracon’s products are not specifically designed for Military, Aviation, Aerospace, Life-dependant Medical applications or any application
requiring high reliability where component failure could result in loss of life and/or property. For applications requiring high reliability and/or presenting an extreme
operating environment, written consent and authorization from Abracon Corporation is required. Please contact Abracon Corporation for more information.
Please see environmental, and mechanical specifications, see appendix C. Group 1.
Marking, see appendix B. Recommended handling, see appendix F.
Test circuits and waveform, see appendix B.
Application notes, see appendix A.
Value added, see appendix D.
Pin Number
Function
1
NC
7
GND / Case
8
Output
14
Vcc
Dimensions: Inches (mm)


Similar Part No. - ACOS_15

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ACOS ABRACON-ACOS Datasheet
509Kb / 1P
5Vdc SINE OUTPUT, FULL-SIZE DIP CRYSTAL CLOCK OSCILLATORS
More results

Similar Description - ACOS_15

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
HS-2830 NEL-HS-2830 Datasheet
262Kb / 2P
CRYSTAL CLOCK OSCILLATORS
SD-B2980 NEL-SD-B2980 Datasheet
50Kb / 2P
CRYSTAL CLOCK OSCILLATORS
SJ-160 NEL-SJ-160 Datasheet
258Kb / 2P
CRYSTAL CLOCK OSCILLATORS
SJ-B2870 NEL-SJ-B2870 Datasheet
381Kb / 2P
CRYSTAL CLOCK OSCILLATORS
SK-A2D00 NEL-SK-A2D00 Datasheet
255Kb / 2P
CRYSTAL CLOCK OSCILLATORS
SN-A2970 NEL-SN-A2970 Datasheet
33Kb / 2P
CRYSTAL CLOCK OSCILLATORS
SU-A369X NEL-SU-A369X Datasheet
144Kb / 2P
CRYSTAL CLOCK OSCILLATORS
HS-600 NEL-HS-600 Datasheet
297Kb / 2P
Crystal Clock Oscillators
logo
Abracon Corporation
ASL ABRACON-ASL Datasheet
258Kb / 1P
CRYSTAL CLOCK OSCILLATORS
Rev. B 01/2003
ACPEL ABRACON-ACPEL_08 Datasheet
156Kb / 2P
CRYSTAL CLOCK OSCILLATORS
Revised C: 03.11.08
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com