Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACH-L-R-S-A Datasheet(PDF) 1 Page - Abracon Corporation

Part # ACH-L-R-S-A
Description  CRYSTAL CLOCK OSCILLATOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ACH-L-R-S-A Datasheet(HTML) 1 Page - Abracon Corporation

  ACH-L-R-S-A Datasheet HTML 1Page - Abracon Corporation ACH-L-R-S-A Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
|||||||||||||| |
APPLICATIONS:
FEATURES:
12.7 x 12.7 x 5.6mm
Pb RoHS
Compliant
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001| www.abracon.com
STANDARD SPECIFICATIONS:
• Wide frequency range.
• HCMOS and TTL compatible.
• Tight symmetry option.
• Tri-state Enable / Disable function.
• Microprocessors.
• Digital circuit.
OPTIONS & PART IDENTIFICATION:
(Left blank if standard)
Revised: 08.30.10
Visit www.abracon.com for Terms & Conditions of Sale
ACH Series
HALF-SIZE DIP LOW VOLTAGE 5.0V
CRYSTAL CLOCK OSCILLATOR
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
40ns max. for 32.768kHz ≤ F < 2MHz
10ns max. for 2MHz ≤ F≤24MHz
5ns max. for F>24MHz
D
-10°C to +60°C
S
45/55%@1/2Vdd
Blank
Tube
E
-20°C to +70°C
T
47.5/52.5%@1/2Vdc
F
-30°C to +70°C
S1
45/55@1.4Vdc
N
-30°C to +85°C
T1
45.5/52.5@1.4Vdc
L
-40°C to +85°C
Y
±10 ppmmax.
G
Gull Wing
J
±20 ppm max.
G2
Gull Wing
R
±25 ppm max.
GHT
Gull Wing Reflow
K
±30 ppm max.
Q30
0.30(7.62)
H
±35 ppm max.
Q25
0.25(6.35)
C
±50 ppm max.
Q20
0.20(5.08)
Q15
0.15(3.81)
Q10
0.10(2.54)
Packaging
50
Tristate Enable Funct
50pF
Freq. Stability
TY
Tray
ACH - Frequency - - - - - - -
s
n
o
it
p
O
y
r
t
e
m
m
y
S
s
n
o
it
p
O
e
r
u
t
a
r
e
p
m
e
T
Value Added Option
A
Tristate Function
50pF Option
PARAMETERS
ABRACON P/N
ACH Series
Frequency:
32.768kHz to 200MHz
Operating temperature:
0°C to +70°C
Storage temperature:
- 55°C to + 125°C
Frequency Stability:
± 100ppm max. (see options)
Supply voltage (Vdd):
5.0Vdc ± 10%
Symmetry:
45/55% max.for F<50MHz
40/60% max. for F>=50MHz (see options)
Rise and Fall Times(Tr/Tf):
Output load:
10 TTL or 15 pF for F<80MHz
5 TTL or 15 pF for F>=80MHz
Output Voltage:
VOH = 0.9 * VDD min.
VOL = 0.1*VDD max.
Tri-state Function:
"1" (VIH >= 2.2 Vdc) or open: Oscillation
"0" (VIL < 0.8V): Hi Z
Start-up-time:
10 ms max
Output Disable/ Enable time:
100 ns max. (for Option "-A" ONLY)
Input current:
30 mA max. for F < 24 MHz
45 mA max. for F < 50 MHz
70 mA max. for F < 80 MHz
85 mA max. for F >= 24 MHz


Similar Part No. - ACH-L-R-S-A

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
ACH-10 EATON-ACH-10 Datasheet
217Kb / 2P
Aircraft limiter - fast-acting
ACH-15 EATON-ACH-15 Datasheet
217Kb / 2P
Aircraft limiter - fast-acting
logo
List of Unclassifed Man...
ACH-2 ETC1-ACH-2 Datasheet
217Kb / 2P
Aircraft limiter - fast-acting
logo
Eaton All Rights Reserv...
ACH-2 EATON-ACH-2 Datasheet
217Kb / 2P
Aircraft limiter - fast-acting
ACH-20 EATON-ACH-20 Datasheet
217Kb / 2P
Aircraft limiter - fast-acting
More results

Similar Description - ACH-L-R-S-A

ManufacturerPart #DatasheetDescription
logo
NIHON DEMPA KOGYO
NZ2520SB NDK-NZ2520SB Datasheet
96Kb / 1P
Crystal Clock Oscillator
2725Z NDK-2725Z_15 Datasheet
805Kb / 1P
Crystal Clock Oscillator
NZ3225SJ NDK-NZ3225SJ Datasheet
731Kb / 1P
Crystal Clock Oscillator
logo
IQD Frequency Products ...
LFSPXO019928 IQD-LFSPXO019928 Datasheet
1,022Kb / 2P
Crystal Clock Oscillator
LFSPXO020088 IQD-LFSPXO020088 Datasheet
1,022Kb / 2P
Crystal Clock Oscillator
LFSPXO020184 IQD-LFSPXO020184 Datasheet
1,022Kb / 2P
Crystal Clock Oscillator
LFSPXO020465 IQD-LFSPXO020465 Datasheet
1,023Kb / 2P
Crystal Clock Oscillator
LFSPXO056218 IQD-LFSPXO056218 Datasheet
139Kb / 1P
Crystal Clock Oscillator
LFSPXO056220 IQD-LFSPXO056220 Datasheet
138Kb / 1P
Crystal Clock Oscillator
LFSPXO056245 IQD-LFSPXO056245 Datasheet
229Kb / 2P
Crystal Clock Oscillator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com