Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3384ECWN Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX3384ECWN
Description  짹15kV ESD-Protected, 3.0V to 5.5V, Low-Power, up to 250kbps, True RS-232 Transceiver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3384ECWN Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX3384ECWN Datasheet HTML 1Page - Maxim Integrated Products MAX3384ECWN Datasheet HTML 2Page - Maxim Integrated Products MAX3384ECWN Datasheet HTML 3Page - Maxim Integrated Products MAX3384ECWN Datasheet HTML 4Page - Maxim Integrated Products MAX3384ECWN Datasheet HTML 5Page - Maxim Integrated Products MAX3384ECWN Datasheet HTML 6Page - Maxim Integrated Products MAX3384ECWN Datasheet HTML 7Page - Maxim Integrated Products MAX3384ECWN Datasheet HTML 8Page - Maxim Integrated Products MAX3384ECWN Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
±15kV ESD-Protected, 3.0V to 5.5V, Low-Power,
up to 250kbps, True RS-232 Transceiver
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = +3V to +5.5V, for tests at 3.3V ±10%, C1–C4 = 0.1µF; for tests at +5V ±10%, C1 = 0.047µF, C2–C4 = 0.33µF;
TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC to GND ..............................................................-0.3V to +6V
V+ to GND (Note 1) ..................................................-0.3V to +7V
V- to GND (Note 1) ...................................................+0.3V to -7V
V+ + |V-| (Note 1) .................................................................+13V
Input Voltages
T_IN, SHDN to GND ..............................................-0.3V to +6V
R_IN to GND .....................................................................±25V
Output Voltages
T_OUT to GND...............................................................±13.2V
R_OUT .....................................................-0.3V to (VCC + 0.3V)
Maximum Current into T_OUT ........................................±100mA
Short-Circuit Duration, T_OUT to GND.......................Continuous
Continuous Power Dissipation (TA = +70°C)
20-Pin SSOP (derate 8.00mW/°C above +70°C) ..........640mW
18-Pin SO (derate 9.52mW/°C above +70°C)...............762mW
Operating Temperature Ranges
MAX3384ECAP ....................................................0°C to +70°C
MAX3384ECWN ...................................................0°C to +70°C
MAX3384EEAP .................................................-40°C to +85°C
Junction Temperature ........................................................150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
TA = +25°C
SHDN = VCC, no load
TA = +25°C
TA = +25°C
IOUT = 1.6mA
R_OUT, receivers disabled
T_IN, SHDN
T_IN, SHDN
IOUT = -1.0mA
CONDITIONS
k
Ω
35
7
Input Resistance
V
0.5
Input Hysteresis
V
1.8
2.4
Input Threshold High
1.5
2.4
V
0.8
1.5
Input Threshold Low
0.6
1.2
V
-25
+25
Input Voltage Range
V
VCC -VCC -
0.6
0.1
Output Voltage High
mA
0.3
1
Supply Current
V
0.4
Output Voltage Low
µA
±0.05
±10
Output Leakage Current
V
0.5
Transmitter Input Hysteresis
V
0.8
Input Logic Threshold Low
2.0
V
2.4
Input Logic Threshold High
UNITS
MIN
TYP
MAX
PARAMETER
Note 1: V+ and V- can have maximum magnitudes of 7V, but their absolute difference cannot exceed 13V.
VCC = +5V
VCC = +3.3V
VCC = +3.3V
VCC = +5V
VCC = +3.3V
VCC = +5V
T_IN, SHDN
µA
±0.01
±1
Input Leakage Current
SHDN = GND
µA
110
Shutdown Supply Current
DC CHARACTERISTICS (VCC = +3.3V or +5V, TA = +25°C)
LOGIC INPUTS
RECEIVER OUTPUTS
RECEIVER INPUTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com