Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3460CSD Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX3460CSD
Description  5V, Fail-Safe, 20Mbps, Profibus RS-485/ RS-422 Transceivers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3460CSD Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX3460CSD Datasheet HTML 1Page - Maxim Integrated Products MAX3460CSD Datasheet HTML 2Page - Maxim Integrated Products MAX3460CSD Datasheet HTML 3Page - Maxim Integrated Products MAX3460CSD Datasheet HTML 4Page - Maxim Integrated Products MAX3460CSD Datasheet HTML 5Page - Maxim Integrated Products MAX3460CSD Datasheet HTML 6Page - Maxim Integrated Products MAX3460CSD Datasheet HTML 7Page - Maxim Integrated Products MAX3460CSD Datasheet HTML 8Page - Maxim Integrated Products MAX3460CSD Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
General Description
The MAX3460–MAX3464 are high-speed differential
bus transceivers for RS-485 and RS-422 communica-
tions. They are designed to meet TIA/EIA-422-B,
TIA/EIA-485-A, V.11, and X.27 standards. The trans-
ceiver complies with the Profibus specification provid-
ing +2.1V output level with a 54
Ω load, 20Mbps data
rate, and output skew less than 2ns. Each part contains
one three-state differential line driver and one differen-
tial input line receiver. The devices operate from a +5V
supply and feature true fail-safe circuitry, which guaran-
tees a logic-high receiver output when the receiver
inputs are open or shorted. This enables all receiver
outputs on a terminated bus to output logic highs when
all transmitters are disabled.
All devices feature a 1/4 standard unit load receiver
input impedance that allows 128 transceivers on the
bus. Driver and receiver propagation delays are guar-
anteed under 20ns for multidrop, clock distribution
applications. Drivers are short-circuit current limited
and are protected against excessive power dissipation
by thermal shutdown circuitry. The driver and receiver
feature active-high and active-low enables, respective-
ly, that can be connected together externally to serve
as a direction control.
Applications
High-Speed RS-485 Communications
High-Speed RS-422 Communications
Level Translators
Industrial-Control Local Area Networks
Profibus Applications
Features
o Recommended for Profibus Applications
o Guaranteed 20Mbps Data Rate
o 20ns Transmitter and Receiver Propagation Delay
o 2ns Transmitter and Receiver Skew
o High Differential Driver Output Level (2.1V on 54Ω)
o Hot-Swap Versions
o 1µA Shutdown Supply Current
o Low Supply Current Requirements (2.5mA typ)
o Allow Up to 128 Transceivers on the Bus
o True Fail-Safe Receiver while Maintaining EIA/TIA-
485 Compatibility
o Designed for Multipoint Transmissions on Long
or Noisy Bus Lines
o Full Duplex and Half Duplex Versions Available
o Phase Controls to Correct for Twisted-Pair
Reversal for 14-Pin Versions
o Current-Limiting and Thermal Shutdown for
Driver Overload Protection
+5V, Fail-Safe, 20Mbps, Profibus RS-485/
RS-422 Transceivers
________________________________________________________________ Maxim Integrated Products
1
Ordering Information
PART
NUMBER
HALF/FULL
DUPLEX
RECEIVER/
DRIVER
ENABLE
LOW-
POWER
SHUTDOWN
HOT SWAP
RECEIVER/
DRIVER PHASE
SELECT
INDEPENDENT
SHDN PIN
PIN COUNT
MAX3460
Full
Yes
Yes
Yes
Yes
Yes
14
MAX3461
Full
Yes
Yes
No
Yes
Yes
14
MAX3462
Full
No
No
No
No
No
8
MAX3463
Half
Yes
Yes
Yes
No
No
8
MAX3464
Half
Yes
Yes
No
No
No
8
Selector Guide
19-2217; Rev 1; 2/03
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
Ordering Information continued at end of data sheet.
PART
TEMP RANGE
PIN-PACKAGE
MAX3460CSD
0°C to +70°C
14 SO
MAX3460CPD
0°C to +70°C
14 Plastic DIP
MAX3460ESD
-40°C to +85°C
14 SO
MAX3460EPD
-40°C to +85°C
14 Plastic DIP
Pin Configurations appear at end of data sheet.


Similar Part No. - MAX3460CSD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3465 MAXIM-MAX3465 Datasheet
309Kb / 14P
5V, Fail-Safe, 40Mbps, Profibus RS-485/ RS-422 Transceivers
Rev 0; 10/03
MAX3465 MAXIM-MAX3465 Datasheet
225Kb / 13P
5V, Fail-Safe, 40Mbps, Profibus RS-485/RS-422 Transceivers
Rev 2; 8/09
MAX3465 MAXIM-MAX3465 Datasheet
223Kb / 13P
5V, Fail-Safe, 40Mbps, Profibus RS-485/RS-422 Transceivers
Rev 3; 5/12
MAX3465CPD MAXIM-MAX3465CPD Datasheet
309Kb / 14P
5V, Fail-Safe, 40Mbps, Profibus RS-485/ RS-422 Transceivers
Rev 0; 10/03
MAX3465CPD MAXIM-MAX3465CPD Datasheet
225Kb / 13P
5V, Fail-Safe, 40Mbps, Profibus RS-485/RS-422 Transceivers
Rev 2; 8/09
More results

Similar Description - MAX3460CSD

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL4486 INTERSIL-ISL4486 Datasheet
550Kb / 11P
5V, Ultra High Speed, PROFIBUS, RS-485/RS-422 Transceivers
August 2004
logo
Maxim Integrated Produc...
MAX3465 MAXIM-MAX3465 Datasheet
309Kb / 14P
5V, Fail-Safe, 40Mbps, Profibus RS-485/ RS-422 Transceivers
Rev 0; 10/03
logo
Intersil Corporation
ISL3259E INTERSIL-ISL3259E Datasheet
638Kb / 15P
짹15kV ESD Protected, 100Mbps, 5V, PROFIBUS짰, Full Fail-safe RS-485/RS-422 Transceivers
November 13, 2007
ISL83080E INTERSIL-ISL83080E_08 Datasheet
869Kb / 20P
-15kV ESD, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
February 27, 2008
ISL3259E INTERSIL-ISL3259E_08 Datasheet
664Kb / 16P
짹15kV ESD Protected, 100Mbps, 5V, PROFIBUS짰, Full Fail-safe, RS-485/RS-422 Transceivers
February 18, 2008
logo
Maxim Integrated Produc...
MAX3465 MAXIM-MAX3465_09 Datasheet
225Kb / 13P
5V, Fail-Safe, 40Mbps, Profibus RS-485/RS-422 Transceivers
Rev 2; 8/09
MAX3465_V3 MAXIM-MAX3465_V3 Datasheet
223Kb / 13P
5V, Fail-Safe, 40Mbps, Profibus RS-485/RS-422 Transceivers
Rev 3; 5/12
logo
Unisonic Technologies
UTRS485 UTC-UTRS485 Datasheet
236Kb / 8P
FAIL-SAFE, 2.5MBPS RS-485 TRANSCEIVERS
logo
Renesas Technology Corp
ISL3159E RENESAS-ISL3159E Datasheet
1Mb / 17P
짹15kV ESD Protected, 125째C, 40Mbps, 5V, PROFIBUS, Full Fail-Safe, RS-485/RS-422 Transceiver
ISL4486 RENESAS-ISL4486 Datasheet
764Kb / 11P
5V, Ultra High Speed, PROFIBUS®, RS-485/RS-422 Transceivers
August 1, 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com