Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3465CSD Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX3465CSD
Description  5V, Fail-Safe, 40Mbps, Profibus RS-485/ RS-422 Transceivers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3465CSD Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX3465CSD Datasheet HTML 1Page - Maxim Integrated Products MAX3465CSD Datasheet HTML 2Page - Maxim Integrated Products MAX3465CSD Datasheet HTML 3Page - Maxim Integrated Products MAX3465CSD Datasheet HTML 4Page - Maxim Integrated Products MAX3465CSD Datasheet HTML 5Page - Maxim Integrated Products MAX3465CSD Datasheet HTML 6Page - Maxim Integrated Products MAX3465CSD Datasheet HTML 7Page - Maxim Integrated Products MAX3465CSD Datasheet HTML 8Page - Maxim Integrated Products MAX3465CSD Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Note 1: All currents into the device are positive; all currents out of the device are negative. All voltages are referenced to device
ground, unless otherwise noted.
Note 2:
∆VOD and ∆VOC are the changes in VOD and VOC, respectively, when the DI input changes state.
Note 3: The short-circuit output current applies to peak current just prior to foldback-current limiting; the short-circuit foldback output
current applies during current limiting to allow a recovery from bus contention.
Note 4: Capacitive load includes test probe and fixture capacitance.
Note 5: Shutdown is enabled by bringing RE high and DE low or by bringing SHDN high. If the enable inputs are in this state for less
than 50ns, the device is guaranteed not to enter shutdown. If the enable inputs are in this state for at least 800ns, the device
is guaranteed to have entered shutdown.
+5V, Fail-Safe, 40Mbps, Profibus RS-485/
RS-422 Transceivers
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +5V ±5%, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VCC = +5V and TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Receiver Output Skew
|tPLH -
tPHL|
Figure 10, CL = 15pF, RXP = GND or
floating (Note 4)
2ns
Receiver Enable to Output Low
tZL
Figures 8 and 11, RL = 1k
Ω, CL = 15pF,
S1 closed (Note 4)
30
ns
Receiver Enable to Output High
tZH
Figures 8 and 11, RL = 1k
Ω, CL = 15pF,
S2 closed (Note 4)
30
ns
Receiver Disable Time from Low
tLZ
Figures 8 and 11, RL = 1k
Ω, CL = 15pF,
S1 closed (Note 4)
30
ns
Receiver Disable Time from High
tHZ
Figures 8 and 11, RL = 1k
Ω, CL = 15pF,
S2 closed (Note 4)
30
ns
Time to Shutdown
tSHDN
(Note 5)
50
800
ns
Driver Enable from Shutdown to
Output High
tZH (SHDN)
Figures 8 and 9, RL = 500
Ω, CL = 50pF,
S2 closed (Note 5)
4µs
Driver Enable from Shutdown to
Output Low
tZL (SHDN)
Figures 8 and 9, RL = 500
Ω, CL = 50pF,
S1 closed (Note 5)
4µs
Receiver Enable from Shutdown to
Output High
tZH (SHDN)
Figures 8 and 11, RL = 1k
Ω, CL = 15pF,
S2 closed (Notes 4, 5)
4µs
Receiver Enable from Shutdown to
Output Low
tZL (SHDN)
Figures 8 and 11, RL = 1k
Ω, CL = 15pF,
S1 closed (Notes 4, 5)
4µs
NO-LOAD SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
60
40
-20
0
20
2.15
2.20
2.25
2.30
2.35
2.40
2.45
2.50
2.10
-40
80
DE = VCC
DE = GND
OUTPUT CURRENT
vs. RECEIVER OUTPUT LOW VOLTAGE
OUTPUT LOW VOLTAGE (V)
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
10
20
30
40
50
60
0
0
5.0
OUTPUT CURRENT
vs. RECEIVER OUTPUT HIGH VOLTAGE
OUTPUT HIGH VOLTAGE (V)
4
3
2
1
5
10
15
20
25
30
35
0
05
Typical Operating Characteristics
(VCC = +5V, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com