Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OA600ST Datasheet(PDF) 1 Page - ORION FANS

Part # OA600ST
Description  6-Position Short Fan Tray
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORIONFANS [ORION FANS]
Direct Link  http://www.orionfans.com/index.html
Logo ORIONFANS - ORION FANS

OA600ST Datasheet(HTML) 1 Page - ORION FANS

  OA600ST Datasheet HTML 1Page - ORION FANS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
6-Position Short Fan Tray
High performance, low-cost cooling
solution for racks and enclosures
ORION. We’ll make YOU a fan.
OA600ST Short Fan Tray
The OA600ST is the most price-competitive 6-position fan tray on the market
Features and Benefits
· 620 CFM
· 1U high fits standard 19" Racks
· Available in smart tray thermally controlled configurations
· Lighted switch indicator on front panel for power indication
· Integrated switch guard prevents accidental switch actuation
· 115V and 230V versions
· Includes power cord
(available for North American NEMA 5-15P or IEC320-C14 connection)
Orion Fans
10557 Metric Drive
Dallas, TX 75243
www.orionfans.com
Phone: 800.323.2439
214.340.0265
Fax: 214.340.5870


Similar Part No. - OA600ST

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OA600ST ORIONFANS-OA600ST Datasheet
5Mb / 8P
AC & EC FANS
OA600ST-120 ORIONFANS-OA600ST-120 Datasheet
1Mb / 1P
The OA300ST Smart fan tray saves energy costs by sensing its environment and adjusting its performance
OA600ST-230 ORIONFANS-OA600ST-230 Datasheet
1Mb / 1P
The OA300ST Smart fan tray saves energy costs by sensing its environment and adjusting its performance
More results

Similar Description - OA600ST

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SRBM ALPS-SRBM Datasheet
196Kb / 6P
6-position Horizontal Type
logo
Bud Industries, Inc.
FT-1170 BUD-FT-1170 Datasheet
70Kb / 1P
FAN TRAY ASSEMBLY
logo
Amphenol Corporation
FRJAE-408 AMPHENOL-FRJAE-408 Datasheet
117Kb / 1P
FRJAE ASSEMBLY, 6 POSITION AND 8 POSITION
logo
ORION FANS
KE532 ORIONFANS-KE532 Datasheet
277Kb / 1P
Short Fan Tray
OA406 ORIONFANS-OA406 Datasheet
540Kb / 1P
1U High Fan Tray with Redundant Power
logo
ALPS ELECTRIC CO.,LTD.
SRRN ALPS-SRRN_15 Datasheet
1Mb / 5P
6-position Vertical Type
logo
Bud Industries, Inc.
FT-1979 BUD-FT-1979 Datasheet
156Kb / 1P
FAN TRAY ASSEMBLY
FT-1976 BUD-FT-1976 Datasheet
120Kb / 1P
FAN TRAY ASSEMBLY
FT-1973 BUD-FT-1973 Datasheet
85Kb / 1P
FAN TRAY ASSEMBLY
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com