Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3483C/D Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX3483C/D
Description  3.3V-Powered, 10Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3483C/D Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX3483C/D Datasheet HTML 6Page - Maxim Integrated Products MAX3483C/D Datasheet HTML 7Page - Maxim Integrated Products MAX3483C/D Datasheet HTML 8Page - Maxim Integrated Products MAX3483C/D Datasheet HTML 9Page - Maxim Integrated Products MAX3483C/D Datasheet HTML 10Page - Maxim Integrated Products MAX3483C/D Datasheet HTML 11Page - Maxim Integrated Products MAX3483C/D Datasheet HTML 12Page - Maxim Integrated Products MAX3483C/D Datasheet HTML 13Page - Maxim Integrated Products MAX3483C/D Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
3.3V-Powered, 10Mbps and Slew-Rate-Limited
True RS-485/RS-422 Transceivers
10
______________________________________________________________________________________
VID
50
Ω
CL = 15pF
(NOTE 5)
GENERATOR
(NOTE 4)
R
OUT
tRPLH
1.5V
OUT
1.5V
0V
IN
1.5V
3.0V
0V
tRPHL
VCC
VOM
VOM
0V
VCC
2
VOM =
3V
0V
VCC
VOL
CL
(NOTE 5)
R
1.5V
-1.5V
50
Ω
GENERATOR
(NOTE 4)
VCC
VID
1.5V
OUT
S1
S2
1k
IN
1.5V
S1 CLOSED
S2 OPEN
S3 = -1.5V
tPRZL
tPRSL
3V
0V
VOH
0V
1.5V
OUT
IN
1.5V
S1 OPEN
S2 CLOSED
S3 = 1.5V
tPRZH
tPRSH
3V
0V
VCC
VOL
0.25V
OUT
IN
1.5V
S1 CLOSED
S2 OPEN
S3 = -1.5V
tPRLZ
3V
0V
VOH
0V
0.25V
1.5V
OUT
IN
S1 OPEN
S2 CLOSED
S3 = 1.5V
tPRHZ
S3
Figure 11. Receiver Propagation Delay
Figure 12. Receiver Enable and Disable Times
Note 4: The input pulse is supplied by a generator with the following characteristics: PRR = 250kHz, 50% duty cycle, tr ≤ 6.0ns, ZO = 50Ω.
Note 5: CL includes probe and stray capacitance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com