Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF7YSZ44VCM Datasheet(PDF) 2 Page - International Rectifier

Part # IRF7YSZ44VCM
Description  Avalanche Energy Ratings
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7YSZ44VCM Datasheet(HTML) 2 Page - International Rectifier

  IRF7YSZ44VCM Datasheet HTML 1Page - International Rectifier IRF7YSZ44VCM Datasheet HTML 2Page - International Rectifier IRF7YSZ44VCM Datasheet HTML 3Page - International Rectifier IRF7YSZ44VCM Datasheet HTML 4Page - International Rectifier IRF7YSZ44VCM Datasheet HTML 5Page - International Rectifier IRF7YSZ44VCM Datasheet HTML 6Page - International Rectifier IRF7YSZ44VCM Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
IRF7YSZ44VCM
2
www.irf.com
Electrical Characteristics @ Tj = 25°C (Unless Otherwise Specified)
Parameter
Min
Typ Max Units
Test Conditions
BVDSS
Drain-to-Source Breakdown Voltage
60
—
—
V
VGS = 0V, ID = 250µA
∆BVDSS/∆TJ Temperature Coefficient of Breakdown
—
0.064
—
V/°C
Reference to 25°C, ID = 250µA
Voltage
RDS(on)
Static Drain-to-Source On-State
—
—
0.0195
Ω
VGS = 10V, ID = 20A
Resistance
VGS(th)
Gate Threshold Voltage
2.0
—
4.0
V
VDS = VGS, ID = 250µA
gfs
Forward Transconductance
17
—
—
S ( )VDS =15V, IDS = 20A ➃
IDSS
Zero Gate Voltage Drain Current
—
—
25
VDS = 60V ,VGS=0V
—
—
250
VDS = 48V,
VGS = 0V, TJ=125°C
IGSS
Gate-to-Source Leakage Forward
—
—
100
VGS = 20V
IGSS
Gate-to-Source Leakage Reverse
—
—
-100
VGS = -20V
Qg
Total Gate Charge
—
—
50
VGS =10V, ID = 20A
Qgs
Gate-to-Source Charge
—
—
18
nC
VDS = 48V
Qgd
Gate-to-Drain (‘Miller’) Charge
—
—
25
td(on)
Turn-On Delay Time
—
—
20
VDD = 30V, ID = 20A,
tr
Rise Time
—
—
120
VGS = 10V, RG = 9.1Ω
td(off)
Turn-Off Delay Time
—
—
60
tf
Fall Time
—
—
90
LS + LD
Total Inductance
—
6.8
—
Measured from drain lead (6mm/
0.25in. from package ) to source
lead (6mm/0.25in. from pacakge
lCiss
Input Capacitance
—
1730
—
VGS = 0V, VDS = 25V
Coss
Output Capacitance
—
375
—
pF
f = 1.0MHz
Crss
Reverse Transfer Capacitance
—
60
—
nA
➃
nH
ns
µA
Thermal Resistance
Parameter
Min Typ Max
Units
Test Conditions
RthJC
Junction-to-Case
—
—
2.5
°C/W
Note: Corresponding Spice and Saber models are available on the G&S Website.
For footnotes refer to the last page
Source-Drain Diode Ratings and Characteristics
Parameter
Min Typ
Max Units
Test Conditions
IS
Continuous Source Current (Body Diode)
—
—
20*
ISM
Pulse Source Current (Body Diode) ➀
——
80
VSD
Diode Forward Voltage
—
—
1.2
V
Tj = 25°C, IS = 20A, VGS = 0V ➃
trr
Reverse Recovery Time
—
—
105
ns
Tj = 25°C, IF = 20A, di/dt ≤ 100A/µs
QRR
Reverse Recovery Charge
—
—
220
nC
VDD ≤ 25V ➃
ton
Forward Turn-On Time Intrinsic turn-on time is negligible. Turn-on speed is substantially controlled by LS + LD.
A
* Current is limited by package



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com